Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADCMP573BCP

  • AI
    ## Overview of ADCMP573BCP The **ADCMP573BCP** is a high-speed comparator fabricated on Analog Devices' proprietary XFCB3 (Extra Fast Complementary Bipolar) process. It is designed for applications requiring extremely low propagation delay and high-speed data processing. --- ### Core Specifications | Feature | Specification | | :--- | :--- | | **Propagation Delay** | 150 ps (typical) | | **Overdrive Dispersion** | < 10 ps | | **Minimum Pulse Width** | 200 ps | | **Output Logic** | Reduced Swing PECL (RSPECL) | | **Supply Voltage** | 3.3 V to 5.2 V | | **Package Type** | 16-lead LFCSP | --- ### Key Electronic Components & Internal Architecture #### 1. Input Stage The device features high-speed differential inputs with a common-mode range typically from $V_{EE} + 2.0V$ to $V_{CC} - 0.2V$. It is designed to handle signals with very fast rise and fall times without significant distortion. #### 2. Latch Function The ADCMP573 includes a **latch enable (LE)** input. - **Transparent Mode:** When the latch input is high, the output tracks the input. - **Latch Mode:** When the latch input is driven low, the output is held at its current state, regardless of changes at the input. #### 3. Output Stage (RSPECL) The output uses **Reduced Swing Positive Emitter-Coupled Logic (RSPECL)**. - This logic level is designed to drive 50 $\Omega$ loads terminated to $V_{CC} - 2.0V$. - The "Reduced Swing" helps in minimizing power consumption and reducing electromagnetic interference (EMI) while maintaining extreme speed. #### 4. Thermal Management The **BCP** suffix indicates the Lead Frame Chip Scale Package (LFCSP). This package includes an **exposed thermal pad** on the bottom, which must be soldered to the PCB ground plane to manage the heat generated by its high-speed bipolar transistors. --- ### Typical Application Circuitry To function correctly, the ADCMP573 requires specific external components: ```c // Example Termination Strategy - Inputs: 50 Ohm termination to ground (if using transmission lines) - Outputs: 50 Ohm pull-down resistors to (Vcc - 2.0V) - Decoupling: 0.1 uF ceramic capacitors placed close to Vcc/Vee pins ``` --- ### Applications * Automatic Test Equipment (ATE) * High-speed instrumentation * Clock and data restoration * Threshold detection for high-speed pulses * Window comparators
    ✨ Follow-up Questions
    • ⤷ What is the difference between RSPECL and standard LVPECL logic levels?
    • ⤷ How should the thermal pad of the ADCMP573 be connected in a 4-layer PCB design?
    • ⤷ Can the ADCMP573 operate with a single 3.3V power supply?