Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADCMP600

  • AI
    ## Overview of the ADCMP600 The **ADCMP600** is a very fast, single-supply comparator designed by Analog Devices. It is built on a proprietary XFCB2 process, which allows it to achieve high speeds with very low power consumption. It is primarily used for clock recovery, line receivers, and high-speed trigger circuits. --- ### 1. Key Technical Specifications The performance of the ADCMP600 is defined by its speed and power efficiency. Below are the primary electrical characteristics: | Parameter | Typical Value | |:---|:---| | **Propagation Delay** | 3.5 ns | | **Supply Voltage (Single)** | 2.5 V to 5.5 V | | **Supply Current** | 3 mA | | **Output Type** | Rail-to-Rail (TTL/CMOS compatible) | | **Input Common-Mode Range** | −0.2 V to VCC + 0.2 V | | **Package Options** | SC70 and SOT-23 | --- ### 2. Functional Electronic Features The ADCMP600 includes several internal architectures that make it robust for high-speed signal processing: * **Rail-to-Rail Inputs:** The input stage is designed to handle signals that go slightly beyond the supply rails, preventing phase reversal. * **High-Speed Push-Pull Output:** The output stage provides a fast transition time (rise/fall time), making it compatible with high-speed digital logic (TTL and CMOS). * **Internal Hysteresis:** It typically includes built-in hysteresis (approx. 2–3 mV) to prevent "chattering" or multiple transitions when dealing with noisy or slow-moving input signals. * **Latch Functionality:** While the ADCMP600 is the basic version, other members of this family (like the ADCMP601) include a **Latch** pin to hold the output state regardless of input changes. --- ### 3. Pin Configuration The device is most commonly found in a 5-lead SC70 or SOT-23 package. | Pin No. | Name | Description | |:---:|:---|:---| | 1 | **V_OUT** | Digital Output (Rail-to-Rail) | | 2 | **V_EE** | Negative Supply / Ground | | 3 | **IN+** | Non-inverting Input | | 4 | **IN-** | Inverting Input | | 5 | **V_CC** | Positive Supply | --- ### 4. Application Circuit Example To use the ADCMP600 as a basic zero-crossing detector, the following configuration is used: ```markdown 1. Connect V_CC to 3.3V or 5V. 2. Connect V_EE to Ground. 3. Apply the reference voltage (e.g., Ground) to IN-. 4. Apply the input signal to IN+. 5. Place a 0.1 µF decoupling capacitor close to the V_CC pin to minimize noise. ``` --- ### 5. Comparison within the Family | Model | Output Type | Additional Features | |:---|:---|:---| | **ADCMP600** | Rail-to-Rail | Standard version | | **ADCMP601** | Rail-to-Rail | Includes Latch Pin | | **ADCMP602** | LVDS | For ultra-high-speed differential signaling | ---
    ✨ Follow-up Questions
    • ⤷ How does the propagation delay of the ADCMP600 vary with supply voltage?
    • ⤷ What are the best practices for PCB layout to minimize jitter in the ADCMP600?
    • ⤷ Can the ADCMP600 be used for PWM signal generation?