ADCMP607
AI

## Overview of the ADCMP607
The **ADCMP607** is a very fast, single-supply comparator designed for high-speed applications. It features a **PECL-compatible** (Positive Emitter-Coupled Logic) output stage and is built using Analog Devices’ proprietary XFCB2 process.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Propagation Delay** | 800 ps (typical) |
| **Supply Voltage** | 2.5 V to 5.5 V |
| **Output Logic** | Differential PECL |
| **Input Common-Mode Range** | -0.2 V to $V_{CC}$ + 0.2 V |
| **Power Consumption** | ~21 mW (at 2.5 V) |
| **Package** | 6-lead SC70 |
---
### 2. Functional Electronic Features
#### A. Input Stage
* **Rail-to-Rail Capability:** The inputs can handle signals slightly beyond the power supply rails (up to 200 mV beyond), which is critical for low-voltage systems.
* **High Sensitivity:** It can resolve very small signal differences with minimal offset voltage.
#### B. Output Stage (PECL)
* The output is **differential PECL**, designed to drive 50 Ω transmission lines terminated into $V_{CC} - 2.0$ V.
* Unlike standard CMOS outputs, PECL provides high-speed switching with minimal EMI (Electromagnetic Interference) and noise.
#### C. Latch Function (LE/HYS Pin)
The ADCMP607 includes a versatile **Latch** pin:
1. **Latching:** When the Latch Enable (LE) pin is driven high, the output is held at its current state regardless of the inputs.
2. **Hysteresis Control:** If not using the latch, a resistor can be connected to this pin to program the amount of input hysteresis, improving noise immunity.
---
### 3. Pin Configuration
| Pin No. | Name | Description |
| :--- | :--- | :--- |
| 1 | $Q$ | Non-inverting PECL output |
| 2 | $\bar{Q}$ | Inverting PECL output |
| 3 | $V_{EE}$ | Negative supply (Ground) |
| 4 | $V_{P}$ | Non-inverting input |
| 5 | $V_{N}$ | Inverting input |
| 6 | $V_{CC}$ | Positive supply |
---
### 4. Typical Applications
* **Clock and Data Restoration:** Cleaning up jittery signals in telecommunications.
* **High-Speed Line Receivers:** Interpreting signals sent over long PCB traces.
* **Pulse Width Modulation (PWM):** Generating precise timing signals.
* **Threshold Detection:** Fast detection of transient signals in scientific instrumentation.
---
### 5. Design Considerations
When designing a PCB for the ADCMP607, keep the following in mind:
* **Bypassing:** Use 0.1 µF and 0.001 µF ceramic capacitors close to the $V_{CC}$ pin to handle high-frequency noise.
* **Termination:** PECL outputs require specific termination (typically 50 Ω to $V_{CC} - 2.0$ V) to function correctly and avoid signal reflections.
* **Ground Plane:** A continuous ground plane is essential to maintain signal integrity at sub-nanosecond speeds.
- ⤷
What is the specific termination scheme required for the PECL outputs of the ADCMP607?
- ⤷ How do you calculate the resistor value for programmable hysteresis on this chip?
- ⤷ How does the ADCMP607 compare to the ADCMP606 in terms of logic levels?