ADE0804
AI

The **ADE0804** (often associated with the industry-standard **ADC0804**) is an 8-bit CMOS successive-approximation Analog-to-Digital Converter (ADC). It is designed to interface directly with microprocessors by treating the conversion process like a memory read operation.
---
## 1. Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Resolution** | 8 Bits |
| **Conversion Time** | 100 µs |
| **Input Channels** | 1 Differential Channel |
| **Operating Voltage** | 5V DC (typical) |
| **Analog Input Range** | 0V to 5V (Adjustable via $V_{ref}/2$) |
| **Package Type** | 20-pin DIP or SOIC |
---
## 2. Pin Configuration & Functions
The device uses a 20-pin layout. Below are the primary functional groups:
### Control Pins
* **CS (Chip Select):** Active LOW. Enables the chip for communication.
* **RD (Read):** Active LOW. When low, the converted digital data is placed on the output pins.
* **WR (Write):** Active LOW. A pulse starts the analog-to-digital conversion process.
* **INTR (Interrupt):** Goes LOW when the conversion is complete and data is ready.
### Clock and Reference
* **CLK IN / CLK R:** Used to set the internal clock frequency using an external RC circuit.
* **Vref/2:** Allows setting a custom input range. For a 0-5V range, this is left open or set to 2.5V.
### Data Pins
* **DB0 to DB7:** The 8-bit digital output bus.
---
## 3. Working Principle
The ADE0804 operates on the **Successive Approximation Register (SAR)** principle. It compares the analog input voltage against a series of internally generated voltages to determine each bit of the 8-bit result, from Most Significant Bit (MSB) to Least Significant Bit (LSB).
### Typical Connection Code (Pseudocode logic)
```c
// Process to read data from ADE0804
1. CS = 0; // Select the chip
2. WR = 0; // Start conversion
3. Delay(1us); // Wait for pulse width
4. WR = 1; // Conversion begins
5. While(INTR == 1); // Wait for INTR to go LOW (End of conversion)
6. RD = 0; // Enable output buffer
7. Data = P1; // Read 8-bit data from Port
8. RD = 1; // Disable buffer
9. CS = 1; // Deselect chip
```
---
## 4. Application Circuit Diagram Components
To make the ADE0804 functional, the following external components are usually required:
1. **Resistor (R) and Capacitor (C):** Connected to CLK R and CLK IN to define the conversion speed ($f \approx 1 / (1.1 \times R \times C)$).
2. **$V_{ref}/2$ Voltage Divider:** To set the span of the input (e.g., if $V_{ref}/2$ is 2V, the max input is 4V).
3. **Bypass Capacitor:** A 0.1µF capacitor across Vcc and GND to reduce noise.
- ⤷
What is the difference between ADE0804 and ADC0808?
- ⤷ How do you calculate the RC values for the clock frequency?
- ⤷ Can ADE0804 handle negative analog input voltages?