ADE7761ARS-REF
AI

The **ADE7761ARS-REF** is a reference design board based on the **ADE7761**, a high-accuracy electrical energy measurement IC manufactured by Analog Devices. This board is specifically designed to demonstrate the functionality of the ADE7761 in single-phase, two-wire residential billing meters.
---
### 1. Core Component: The ADE7761 IC
The heart of the reference design is the ADE7761 chip. It is a specialized System-on-Chip (SoC) designed for energy metering with integrated anti-tamper features.
| Feature | Description |
| :--- | :--- |
| **Measurement Type** | Single-phase active power (Watts) |
| **Tamper Detection** | Detects differences between phase and neutral current |
| **Output Type** | Pulse output (F1, F2) to drive a stepper motor or MCU |
| **Accuracy** | Better than 0.1% over a dynamic range of 500:1 |
| **Power Supply** | Low power consumption (typically 3mA at 5V) |
---
### 2. Key Electronic Subsystems
The reference board includes several critical sub-circuits required to interface the IC with high-voltage AC lines:
#### A. Analog Input Circuitry (Sensors)
The board utilizes two primary types of sensors to measure voltage and current:
* **Current Sensing:** Usually employs a **Shunt Resistor** or a **Current Transformer (CT)**. The ADE7761 has two current channels (V1 and V2) to compare the phase and neutral currents for fault detection.
* **Voltage Sensing:** A high-impedance **Resistor Divider network** steps down the 220V/110V AC mains to a low-voltage differential signal (typically ±500mV) that the IC's ADC can process.
#### B. Power Supply Unit (PSU)
Since the IC operates at low DC voltage (5V), the board includes a simple power stage:
* **Capacitive Dropper:** A low-cost transformerless power supply using a high-voltage X2 capacitor, Zener diodes, and rectifiers to provide the 5V DC rail.
#### C. Signal Filtering
* **Antialiasing Filters:** Simple RC low-pass filters are placed before the analog inputs to remove high-frequency noise that could cause aliasing during the Analog-to-Digital conversion.
---
### 3. Output and Indicators
The board provides visual and physical interfaces to verify energy accumulation:
1. **Pulse Outputs (F1, F2):** These pins provide frequency outputs proportional to the active power. In a real meter, these drive the mechanical counter.
2. **Calibration Output (CF):** A higher frequency output used for fast calibration in a lab environment.
3. **LED Indicators:** Usually includes "Reverse Polarity," "Earth Fault" (Tamper), and "Power" LEDs.
---
### 4. Technical Specifications Summary
```yaml
Product: ADE7761ARS-REF
Function: Single-Phase Energy Meter Reference Design
Input Voltage: 85V AC to 270V AC
Frequency: 45Hz to 65Hz
Fault Threshold: 6.25% difference between Phase and Neutral
Package of IC: 20-lead SSOP
```
---
- ⤷
How does the ADE7761 detect a 'tamper' condition in a power meter?
- ⤷ What are the advantages of using a shunt resistor versus a current transformer with this IC?
- ⤷ Can the ADE7761 measure reactive power or only active power?