ADIN1100BCPZ-R7
AI

## Overview of ADIN1100BCPZ-R7
The **ADIN1100BCPZ-R7** is a high-performance, low-power, single-port **10BASE-T1L PHY** (Physical Layer) transceiver designed by Analog Devices. It is specifically engineered for industrial Ethernet applications, enabling long-reach connectivity over a single twisted-pair cable.
---
### Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Standard** | IEEE 802.3cg-2019 (10BASE-T1L) |
| **Data Rate** | 10 Mbps |
| **Reach** | Up to 1,700 meters |
| **Interface** | MII, RMII, and RGMII MAC Interfaces |
| **Power Consumption** | ~39 mW (1.0 V p-p transmit level) |
| **Supply Voltage** | 1.8 V or 3.3 V |
| **Package** | 40-lead LFCSP (6mm x 6mm) |
| **Operating Temp** | -40°C to +105°C |
---
### Core Electronic Components & Architecture
The internal architecture of the ADIN1100 consists of several critical functional blocks:
#### 1. The Physical Coding Sublayer (PCS)
This block handles the encoding and decoding of data. It uses **4B5B encoding** and scrambling to ensure data integrity and reduce electromagnetic emissions across the long-distance cable.
#### 2. Physical Medium Attachment (PMA)
The PMA is responsible for the transition between digital signals and the analog signals sent over the wire. It includes:
* **Adaptive Equalization:** Compensates for signal loss and distortion caused by long cable lengths (up to 1.7km).
* **Echo Cancellation:** Necessary for full-duplex communication over a single pair of wires.
#### 3. MAC Interfaces
The chip acts as a bridge between the physical wire and a Processor/Microcontroller. It supports three standard interfaces:
* **MII (Media Independent Interface)**
* **RMII (Reduced Media Independent Interface)**
* **RGMII (Reduced Gigabit Media Independent Interface)**
#### 4. Diagnostic Features
It includes built-in tools for system reliability:
* **Frame Generator and Checker:** For simplified testing.
* **Cable Diagnostics:** Detects shorts, opens, and cable length.
* **Voltage Supply Monitoring:** Ensures the chip operates within safe power parameters.
---
### Application Use Cases
The ADIN1100 is primarily used in **Industry 4.0** environments where traditional Ethernet (limited to 100m) is insufficient.
1. **Process Automation:** Connecting sensors and actuators in large factories or refineries.
2. **Building Automation:** Managing HVAC and security systems over existing twisted-pair telephone wiring.
3. **Intrinsically Safe Environments:** It can be used in hazardous areas when combined with appropriate isolation, as it supports low-power transmission.
---
### Pin Configuration Highlights
* **TXP/TXN:** Differential transmit/receive pins connected to the single twisted pair.
* **MDIO/MDC:** Management interface for configuring the PHY registers.
* **RESET_N:** Hardware reset pin.
- ⤷
What are the power supply requirements for the ADIN1100 in high-voltage transmit mode?
- ⤷ How does 10BASE-T1L compare to standard 10BASE-T in terms of distance?
- ⤷ Which external components are required for the MDI interface circuit?