Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADL5303ACPZ-R7

  • AI
    ## Overview of the ADL5303ACPZ-R7 The **ADL5303ACPZ-R7** is a high-speed, logarithmic converter optimized for wide dynamic range fiber optic system measurements. Manufactured by Analog Devices, it is specifically designed to convert input current into a proportional output voltage with logarithmic scaling. --- ### 1. Key Technical Specifications | Parameter | Value / Range | | :--- | :--- | | **Input Current Range** | 1 nA to 10 mA (140 dB dynamic range) | | **Supply Voltage (Single)** | 3.0 V to 5.5 V | | **Supply Voltage (Dual)** | ±3 V to ±5.5 V | | **Bandwidth** | ~10 MHz (at high input currents) | | **Output Voltage Scale** | Adjustable (default 100 mV/decade) | | **Package Type** | LFCSP-16 (3mm x 3mm) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Core Functional Blocks The internal architecture of the ADL5303 includes several critical electronic components that allow for precision measurement: 1. **Translinear Log Amp:** The heart of the device. It uses the logarithmic relationship between the base-emitter voltage ($V_{be}$) and the collector current ($I_c$) of bipolar transistors. 2. **Internal Reference (VREF):** Provides a stable 2V reference output. This can be used to set the "Intercept" current, which determines at what input current the output voltage is zero. 3. **Summing Amplifier:** This stage allows the user to scale and offset the output voltage. By changing external resistors, you can modify the "slope" (mV per decade of current). 4. **Guard Terminals:** The pins are laid out to facilitate guarding, which prevents leakage currents from interfering with the ultra-low nano-ampere measurements. --- ### 3. Application Use-Cases The ADL5303 is primarily used in precision optical and RF power measurement environments: * **Photodiode Current Monitoring:** Measuring the output of photodiodes in fiber optic receivers. * **Optical Power Meters:** Used in handheld or benchtop equipment to measure light intensity in dBm. * **Laser Biasing:** Providing feedback loops for laser diode control systems. * **Chemical/Biological Sensors:** Measuring low-level currents generated by ion-selective electrodes or other transducers. --- ### 4. Implementation Example (Basic Logic) To use the ADL5303, a typical circuit configuration involves connecting a photodiode to the `INPT` pin. The relationship between input current and output voltage is generally defined as: ```text V_OUT = Slope * Log10( I_IN / I_REF ) ``` Where: * `Slope` is typically set to 200mV/dec via the `SCAL` pin. * `I_REF` is the reference current (often set to 10nA). ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADL5303 and the ADL5304?
    • ⤷ How do I calculate the external resistor values to change the output slope?
    • ⤷ What are the common noise reduction techniques for this IC at 1nA input levels?