ADL5315ACPZ-R7
AI

## ADL5315ACPZ-R7: Precision Current Mirror and Translinear Logarithmic Converter
The **ADL5315ACPZ-R7** is a high-performance precision current mirror specifically designed for monitoring optical power in fiber optic systems. It is manufactured by Analog Devices and is known for its wide dynamic range and accuracy.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the ADL5315:
| Feature | Specification |
| :--- | :--- |
| **Current Mirror Ratio** | 1:1 (Input current to Output current) |
| **Input Current Range** | 3 nA to 3 mA (6 decades) |
| **Supply Voltage (Vcc)** | 2.7 V to 8 V |
| **Response Time** | 25 ns (Fast settling) |
| **Package** | 8-lead LFCSP (3mm x 3mm) |
| **Operating Temp** | -40°C to +85°C |
---
### 2. Functional Description
The ADL5315 operates as a **Current-to-Current converter**. It is typically placed on the "high side" of a circuit (between the power supply and the load).
#### Core Components:
* **Precision Mirror:** It mirrors the current flowing through a photodiode (or other sensor) to a measurement pin without dropping significant voltage.
* **Voltage Reference:** It maintains a stable voltage at the input pin to ensure the connected photodiode operates in a linear region.
* **Adaptive Biasing:** The internal circuitry adjusts to maintain high accuracy even at very low currents (nano-ampere range).
---
### 3. Pin Configuration & Application
| Pin Name | Function | Description |
| :--- | :--- | :--- |
| **VCC** | Power Supply | Input voltage for the IC. |
| **INPT** | Input Current | Connects to the cathode of the photodiode. |
| **IOUT** | Output Current | Mirrored current output for measurement. |
| **COMM** | Common | Device ground. |
| **SETV** | Voltage Set | Sets the bias voltage for the photodiode. |
---
### 4. Common Use Cases
1. **Optical Power Monitoring:** Measuring the current of a PIN photodiode in SFP/SFP+ transceiver modules.
2. **Logarithmic Conversion:** When paired with a resistor and an operational amplifier, it can be used to create wide-range logarithmic signal processors.
3. **High-Side Current Sensing:** Accurate monitoring of small currents in battery-powered or sensitive analog instrumentation.
---
### 5. Implementation Example (Basic Logic)
To convert the output current to a readable voltage, a simple load resistor ($R_{LOAD}$) is used at the `IOUT` pin:
```text
V_out = I_in * R_load
```
*Note: Ensure $R_{LOAD}$ is chosen so that $V_{out}$ does not exceed the compliance voltage of the device.*
---
- ⤷
What is the difference between ADL5315 and ADL5317?
- ⤷ How do I calculate the optimal R_load for a 3mA maximum input?
- ⤷ Can the ADL5315 be used for low-side current sensing?