ADL5320ARKZ-R7
AI

The **ADL5320ARKZ-R7** is a high-linearity, GaAs (Gallium Arsenide), InGaP (Indium Gallium Phosphide) Heterojunction Bipolar Transistor (HBT) driver amplifier. It is designed by Analog Devices to operate in the 400 MHz to 2700 MHz frequency range.
---
### ## Technical Specifications
The following table summarizes the primary electrical characteristics of the ADL5320:
| Parameter | Specification |
| :--- | :--- |
| **Frequency Range** | 400 MHz to 2700 MHz |
| **Gain (at 2140 MHz)** | 13.2 dB |
| **Output IP3 (OIP3)** | +42 dBm |
| **Output P1dB** | +25.7 dBm |
| **Noise Figure** | 4.2 dB |
| **Supply Voltage (Vcc)** | 5 V |
| **Supply Current** | 104 mA |
| **Package Type** | SOT-89 (Small Outline Transistor) |
---
### ## Key Internal Architecture
The ADL5320 is built using a specific semiconductor process that provides several advantages:
* **InGaP HBT Technology:** The use of Indium Gallium Phosphide provides high thermal stability and ruggedness compared to standard Silicon or GaAs MESFETs.
* **Internal Matching:** While the device requires external components for specific frequency tuning, it is designed for 50 $\Omega$ ease-of-use.
* **Temperature Compensation:** It features integrated bias circuitry that maintains stable performance over a temperature range of −40°C to +85°C.
### ## Pin Configuration
The device uses a standard 3-lead SOT-89 package:
| Pin No. | Name | Description |
| :--- | :--- | :--- |
| 1 | RFIN | RF Input (requires DC blocking capacitor) |
| 2 | GND | Ground Connection |
| 3 | RFOUT/Vcc | RF Output and DC Bias Supply |
---
### ## Application Use Cases
Because of its high linearity (OIP3) and moderate gain, the ADL5320 is typically used in:
1. **Wireless Infrastructure:** Power amplifier (PA) driver stages for GSM, W-CDMA, and LTE base stations.
2. **ISM Band Applications:** Industrial, Scientific, and Medical radio equipment.
3. **CATV/Broadband:** Systems requiring low distortion over a wide bandwidth.
### ## Usage Notes
* **DC Biasing:** Since Pin 3 is both the RF Output and the DC input, an **RF Choke (Inductor)** must be used to provide the 5V DC while blocking RF from the power supply.
* **Thermal Management:** The SOT-89 package relies on the ground lead (Pin 2) and the exposed paddle for heat dissipation. Ensure a solid thermal via connection to the PCB ground plane.
- ⤷What are the recommended values for the RF choke and DC blocking capacitors for a 2.1 GHz application?
- ⤷ How does the ADL5320 compare to the ADL5324 in terms of frequency range and OIP3?
- ⤷ Can the ADL5320 be operated at a supply voltage lower than 5V?