ADL5323ACPZ-R7
AI

The **ADL5323ACPZ-R7** is a high-performance, GaAs (Gallium Arsenide) Pseudomorphic High Electron Mobility Transistor (pHEMT) driver amplifier. It is designed specifically for wireless infrastructure applications requiring high linearity and gain.
---
### ## Key Specifications and Features
| Feature | Specification |
| :--- | :--- |
| **Frequency Range** | 1700 MHz to 2400 MHz |
| **Gain** | ~20 dB at 2140 MHz |
| **OIP3 (Output 3rd Order Intercept)** | +45 dBm |
| **Output P1dB** | +28 dBm |
| **Supply Voltage (Vs)** | 5.0 V |
| **Supply Current (Isq)** | ~150 mA |
| **Package** | 8-lead LFCSP (3mm x 3mm) |
---
### ### Internal Functional Components
The ADL5323 is more than just a single transistor; it is an integrated RF circuit. Its internal architecture includes:
1. **GaAs pHEMT Core**: The primary gain stage. GaAs technology allows for higher frequency operation and lower noise figures compared to standard silicon.
2. **Internal Biasing Circuitry**: It features on-chip active biasing, which helps maintain stable performance across varying temperatures and process variations.
3. **Matching Networks**: While the device requires some external components for optimal tuning, it has partial internal matching to simplify the design of the 50 $\Omega$ interface.
4. **Power-Down Pin**: Includes a logic-level control pin to disable the device, reducing power consumption during idle periods.
---
### ### Typical Application Circuit (External Parts)
To operate the ADL5323, several external passive components are required:
* **DC Blocking Capacitors**: Placed at the RF Input and Output to prevent DC voltage from damaging other RF components.
* **RF Choke (Inductor)**: Used on the $V_{CC}$ line to provide DC power to the collector/drain while blocking RF signals from leaking into the power supply.
* **Bypass Capacitors**: Multiple capacitors (e.g., 100pF, 10nF, 1uF) are placed near the supply pins to filter out noise across different frequency spectrums.
---
### ### Common Use Cases
The ADL5323 is typically found in the following electronic systems:
* **Cellular Base Stations**: Serving as a driver stage for Power Amplifiers (PAs) in GSM, W-CDMA, and LTE systems.
* **Wireless Data Links**: Point-to-point and point-to-multipoint radio systems.
* **ISM Band Applications**: High-power communication in the 2.4 GHz range.
---
- ⤷
What are the specific external matching components required for 2140 MHz operation?
- ⤷ How does the power-down pin affect the current consumption in standby mode?
- ⤷ What are the thermal considerations for mounting the LFCSP package?