ADL5372ACPZ-R21
AI

## ADL5372ACPZ-R2: High-Performance Quadrature Modulator
The **ADL5372ACPZ-R2** is a high-performance quadrature modulator designed for use in the frequency range of **1.5 GHz to 2.5 GHz**. It is engineered by Analog Devices and is commonly used in communication infrastructure to convert baseband signals directly to Radio Frequency (RF).
---
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Frequency Range** | 1500 MHz to 2500 MHz |
| **Output IP3** | +27.1 dBm @ 2140 MHz |
| **Output P1dB** | +12.1 dBm @ 2140 MHz |
| **Noise Floor** | -158 dBm/Hz |
| **Supply Voltage** | 4.75 V to 5.25 V |
| **Supply Current** | 165 mA |
| **Package** | 24-lead LFCSP (4mm x 4mm) |
---
### 2. Functional Components
The internal architecture of the ADL5372 consists of several critical stages:
1. **I/Q Baseband Inputs:** Differential inputs for In-phase (I) and Quadrature (Q) signals. They are typically DC-biased to approximately 0.5V.
2. **LO Interface:** A local oscillator (LO) input that is internally split and phase-shifted by 90 degrees to drive the two internal mixers.
3. **Mixer Core:** Two double-balanced mixers that multiply the I/Q baseband signals with the phase-shifted LO signals.
4. **Summing Amplifier:** Combines the outputs of the two mixers into a single-ended RF output.
---
### 3. Application Use Cases
This component is typically found in high-bandwidth data transmission systems:
* **Cellular Base Stations:** W-CDMA, CDMA2000, and LTE transmitters.
* **Point-to-Multipoint Radios:** Broadband wireless access systems.
* **ISM Band Transmitters:** Applications operating in the 2.4 GHz range.
---
### 4. Implementation Example (Schematic Logic)
When integrating the ADL5372, the baseband inputs are usually driven by a high-speed DAC (Digital-to-Analog Converter).
```mermaid
graph LR
A[I-Channel DAC] --> B(Low Pass Filter)
B --> C{ADL5372}
D[Q-Channel DAC] --> E(Low Pass Filter)
E --> C
F[Local Oscillator] --> C
C --> G[RF Output/Power Amp]
```
---
### 5. Part Number Breakdown
* **ADL5372:** The base functional model.
* **ACPZ:** Indicates the Lead-Frame Chip Scale Package (LFCSP) and RoHS compliance.
* **R2:** Indicates the reel size for automated assembly (typically a 7-inch reel containing 250 units).
- ⤷
What are the recommended DC bias levels for the I and Q inputs?
- ⤷ How does the sideband suppression of the ADL5372 compare to other modulators in the ADL family?
- ⤷ What thermal management strategies are needed for the 24-lead LFCSP package?