Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADL5566ACPZ-R7

  • AI
    The **ADL5566ACPZ-R7** is a high-performance, dual-channel Differential Amplifier manufactured by Analog Devices. It is specifically designed to drive high-speed Analog-to-Digital Converters (ADCs) in radio frequency (RF) and intermediate frequency (IF) communication systems. --- ### ## 1. Key Specifications The following table outlines the primary technical parameters of the ADL5566: | Parameter | Specification | | :--- | :--- | | **Gain Options** | Fixed at 16 dB (per channel) | | **Frequency Range** | DC to 4.5 GHz | | **Input/Output Type** | Differential | | **Noise Figure** | 11.4 dB at 200 MHz | | **OIP3 (Output IP3)** | 46 dBm at 200 MHz | | **Supply Voltage** | 3.3 V or 5.0 V | | **Package** | 24-lead LFCSP (4mm x 4mm) | --- ### ## 2. Core Functional Components The ADL5566 is more than just a simple amplifier; it integrates several critical electronic structures: * **Dual-Channel Architecture:** Contains two independent amplifiers in a single package, ideal for I/Q (In-phase/Quadrature) demodulation or MIMO systems. * **Active Feedback Loops:** Uses internal feedback to maintain gain stability and low distortion over a wide frequency range. * **Common-Mode Control:** Includes a `VOCM` pin that allows the user to set the output common-mode voltage, ensuring the amplifier's output is perfectly centered for the input range of a following ADC. * **Power-Down Logic:** Features an `ENBL` (Enable) pin for power management, allowing the chip to enter a low-current sleep mode when not in use. --- ### ## 3. Typical Application Circuit When designing with this part, external resistors are often used to match the input impedance (typically 50 $\Omega$ or 100 $\Omega$). ```python # Conceptual connection for ADC Driving Input_Signal -> [Balun/Transformer] -> [ADL5566 (16dB Gain)] -> [Anti-Aliasing Filter] -> [High-Speed ADC] ``` --- ### ## 4. Usage Considerations 1. **Thermal Management:** The bottom of the LFCSP package has an **exposed pad**. This must be soldered to a ground plane to dissipate heat, as high-linearity amplifiers consume significant power. 2. **Bypassing:** Requires high-quality ceramic decoupling capacitors (e.g., 100 pF and 0.1 µF) placed very close to the $V_{CC}$ pins to prevent oscillations. 3. **DC Coupling:** While it can operate down to DC, most RF applications use AC coupling capacitors at the input and output to isolate DC bias levels.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between using the ADL5566 at 3.3V versus 5V?
    • ⤷ How do I calculate the input matching resistors for a 50 ohm system?
    • ⤷ Which specific ADCs are most commonly paired with this amplifier?