Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADL5721ACPZN-R7

  • AI
    The **ADL5721ACPZN-R7** is a high-performance, two-stage microwave low-noise amplifier (LNA) designed by Analog Devices. It is specifically engineered for narrow-band and wide-band applications in the 5.9 GHz to 18.0 GHz frequency range. --- ### 1. Key Technical Specifications Below are the primary electrical and physical parameters for the ADL5721: | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 5.9 GHz to 18.0 GHz | | **Gain** | ~23.5 dB (at 12 GHz) | | **Noise Figure (NF)** | 2.1 dB (at 12 GHz) | | **Output P1dB** | 12.5 dBm | | **Supply Voltage (Vdd)** | 3.3 V | | **Supply Current (Idd)** | 90 mA | | **Package Type** | 8-lead LFCSP (2mm x 2mm) | --- ### 2. Electronic Architecture The ADL5721 is built using a **GaAs (Gallium Arsenide)** process, which is critical for high-frequency performance and low noise. Its internal design consists of: * **Two-Stage Amplification:** The device utilizes two internal stages to provide high gain while maintaining a low noise figure. * **Integrated Matching:** The inputs and outputs are internally matched to **50 $\Omega$**, which simplifies the PCB design by reducing the need for external tuning components. * **Active Bias Control:** It includes internal circuitry to stabilize the performance over temperature and process variations. --- ### 3. Pin Configuration and Functions The ADL5721 is housed in a compact 8-lead Lead Frame Chip Scale Package (LFCSP). | Pin No. | Name | Function | | :--- | :--- | :--- | | 1 | NC | No internal connection. | | 2 | RFIN | RF Input (AC coupled, 50 $\Omega$ matched). | | 3, 4, 7, 8 | GND | Ground connections. | | 5 | RFOUT | RF Output (AC coupled, 50 $\Omega$ matched). | | 6 | VDD | Power supply (3.3V). | | EPAD | Paddle | Exposed pad must be soldered to a low-impedance ground plane. | --- ### 4. Typical Applications Due to its high frequency range and low noise floor, this part is commonly used in: 1. **Point-to-Point Radios:** High-capacity microwave backhaul. 2. **Military/Aerospace:** Radar systems and electronic warfare (EW). 3. **Instrumentation:** High-speed test and measurement equipment. 4. **VSAT:** Satellite communications (Very Small Aperture Terminals). --- ### 5. Implementation Notes * **Decoupling:** Standard 100 pF and 0.1 µF capacitors should be placed close to the `VDD` pin to filter power supply noise. * **Thermal Management:** The exposed paddle (EPAD) is the primary path for heat dissipation; ensure it is properly connected to the ground plane with thermal vias. * **ESD Sensitivity:** This is a Class 1B ESD-sensitive device; handle with appropriate electrostatic precautions.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADL5721 and the ADL5723?
    • ⤷ How does the gain of the ADL5721 vary across its 5.9 GHz to 18 GHz range?
    • ⤷ What are the recommended PCB layout tips for minimizing noise in this LNA?