AI

## ADL5723ACPZN-R7: Technical Overview
The **ADL5723ACPZN-R7** is a high-performance, fixed-gain, differential amplifier manufactured by **Analog Devices**. It is specifically designed for high-frequency applications, primarily serving as an Intermediate Frequency (IF) or Radio Frequency (RF) gain block.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Function** | Fixed Gain Differential Amplifier |
| **Frequency Range** | 700 MHz to 3.8 GHz |
| **Fixed Gain** | 20 dB |
| **Input/Output Impedance** | 100 $\Omega$ (Differential) |
| **Noise Figure** | ~3.5 dB at 2140 MHz |
| **OIP3** | +32 dBm at 2140 MHz |
| **Supply Voltage** | 3.0 V to 3.6 V |
| **Current Consumption** | ~85 mA |
| **Package Type** | 8-lead LFCSP (3mm x 3mm) |
---
### 2. Functional Characteristics
* **Differential Architecture:** The device is fully differential, which provides excellent rejection of common-mode noise and second-order harmonic distortion.
* **Internal Matching:** It features internal 100 $\Omega$ differential matching at both the input and output. This simplifies PCB design as external matching components are often unnecessary.
* **Power-Down Mode:** It includes a power-down pin (`ENBL`) that reduces current consumption to approximately 2 mA when the device is not in use, making it suitable for TDD (Time Division Duplex) systems.
* **High Linearity:** With a high Output Third-Order Intercept Point (OIP3), it is capable of handling complex modulated signals (like those in LTE or 5G) without significant distortion.
---
### 3. Pin Configuration (Summary)
The ADL5723 utilizes an 8-lead LFCSP package with an exposed paddle (EPAD).
| Pin No. | Mnemonic | Description |
| :--- | :--- | :--- |
| 1 | `VCC` | Supply Voltage (3.3V nominal) |
| 2, 3 | `INP / INN` | Positive and Negative Differential Inputs |
| 4 | `COMM` | Common/Ground connection |
| 5 | `ENBL` | Enable Pin (High = On, Low = Power-down) |
| 6, 7 | `OUTN / OUTP` | Negative and Positive Differential Outputs |
| 8 | `VCC` | Supply Voltage |
| EPAD | `GND` | Exposed Pad; must be soldered to a low-impedance ground plane |
---
### 4. Typical Applications
The ADL5723 is commonly found in the following signal chain stages:
* **ADC Drivers:** Driving high-speed differential Analog-to-Digital Converters.
* **Cellular Infrastructure:** Used in LTE, W-CDMA, and 5G small cells and base stations.
* **RF/IF Gain Blocks:** Providing stable 20 dB gain in broadband wireless systems.
* **Point-to-Point Radios:** Signal amplification in microwave backhaul equipment.
---
- ⤷
What are the layout considerations for the exposed paddle (EPAD) to ensure thermal stability?
- ⤷ How does the gain flatness of the ADL5723 behave across its 700 MHz to 3.8 GHz range?
- ⤷ Can this amplifier be used in a single-ended configuration with a balun?