AI

## ADM1031ARQZ-R7: Technical Overview
The **ADM1031ARQZ-R7** is a high-precision, intelligent system hardware monitor designed by Analog Devices (now part of ON Semiconductor). It is primarily used for temperature monitoring and fan speed control in desktop PCs, servers, and workstations.
---
### 1. Key Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Manufacturer** | ON Semiconductor (formerly Analog Devices) |
| **Package** | 16-QSOP (Quarter Size Outline Package) |
| **Supply Voltage** | 3.0V to 5.5V |
| **Temperature Channels** | 3 (1 Internal, 2 Remote) |
| **Fan Channels** | 2 Independent PWM Outputs |
| **Interface** | SMBus (System Management Bus) |
| **ADC Resolution** | 10-bit |
---
### 2. Core Functional Components
The device integrates several critical electronic sub-systems into a single chip:
#### A. Temperature Monitoring
* **Internal Sensor:** Monitors the ambient temperature at the chip's location.
* **Remote Sensors:** Uses external transistors (usually integrated into CPUs or GPUs) to measure "hot spot" temperatures with high accuracy.
* **Offset Registers:** Allows for calibration to compensate for different thermal diode characteristics.
#### B. Fan Speed Control
* **PWM Generation:** Produces Pulse Width Modulation signals to drive fans.
* **Tachometer Inputs:** Monitors the "Tach" feedback from fans to ensure they are spinning at the requested RPM.
* **Automatic Loop:** Can be programmed to automatically increase fan speed as temperature rises without software intervention.
#### C. Voltage Monitoring
* The chip includes inputs to monitor system supply rails (Vcc), ensuring the hardware operates within safe electrical limits.
#### D. Communication Interface
* **SMBus/I2C:** This is the "brain" interface. The host controller (CPU/Microcontroller) uses this 2-wire interface to read data and write configuration settings (like alarm thresholds).
---
### 3. Pinout Configuration (Summary)
| Pin No. | Name | Function |
| :--- | :--- | :--- |
| 1 | **VCC** | Positive Supply Voltage |
| 2, 3 | **D1+, D1-** | Remote Temperature Sensor 1 |
| 4, 5 | **D2+, D2-** | Remote Temperature Sensor 2 |
| 8, 9 | **PWM1, PWM2** | Fan Control Outputs |
| 10, 11 | **TACH1, TACH2** | Fan Speed Feedback Inputs |
| 14, 15 | **SCL, SDA** | SMBus Clock and Data |
| 16 | **GND** | Ground |
---
### 4. Typical Applications
* **Servers:** Precise thermal management to prevent CPU throttling.
* **Workstations:** Maintaining low noise by reducing fan speeds when the system is idle.
* **Industrial PC:** Ensuring reliability in harsh temperature environments.
---
- ⤷What is the difference between PWM and Voltage fan control in this chip?
- ⤷ How do the remote temperature sensors connect to the CPU?
- ⤷ What happens if the ADM1031 detects a temperature exceeding the 'Critical' limit?