ADM223ARS
AI

## ADM223ARS: Overview and Technical Details
The **ADM223ARS** is a high-speed, multi-channel RS-232 line driver/receiver designed by Analog Devices. It is part of the ADM2xx family, which is widely used for serial communication interfaces between data terminal equipment (DTE) and data circuit-terminating equipment (DCE).
---
### 1. Key Technical Specifications
The ADM223ARS is characterized by its integrated charge pump circuitry, allowing it to operate from a single +5V power supply while generating the necessary positive and negative voltages for RS-232 levels.
| Parameter | Specification |
| :--- | :--- |
| **Supply Voltage (Vcc)** | +5V (±10%) |
| **Data Rate** | Up to 120 kbps |
| **Drivers (Transmitters)** | 4 |
| **Receivers** | 5 |
| **Package Type** | SSOP-28 (Shrink Small Outline Package) |
| **Operating Temperature** | -40°C to +85°C |
| **ESD Protection** | ±2 kV (Human Body Model) |
---
### 2. Core Functional Components
The internal architecture of the ADM223ARS consists of three primary sections:
1. **On-Chip Charge Pump:**
Consists of an internal oscillator and four external capacitors ($0.1\mu F$). It converts the +5V input into +10V and -10V to meet RS-232 output voltage requirements.
2. **Transmitter Section (Drivers):**
Converts TTL/CMOS input levels into RS-232 voltage levels (typically ±9V). These drivers have internal current limiting and thermal shutdown protection.
3. **Receiver Section:**
Converts incoming RS-232 signals (which can be as high as ±25V) back into 5V TTL/CMOS logic levels.
---
### 3. Pinout Configuration (Summary)
The ADM223ARS utilizes a 28-lead SSOP. Below is a grouping of the essential pins:
| Pin Category | Description |
| :--- | :--- |
| **C1+, C1-, C2+, C2-** | Connections for the external charge pump capacitors. |
| **V+ / V-** | Outputs of the internal voltage converters. |
| **T_IN / T_OUT** | Transmitter Logic Inputs and RS-232 Outputs. |
| **R_IN / R_OUT** | RS-232 Receiver Inputs and Logic Outputs. |
| **$\overline{SD}$ (Shutdown)** | Places the device into a low-power mode (<1 $\mu A$). |
| **$\overline{EN}$ (Enable)** | Controls the receiver outputs (High Impedance state). |
---
### 4. Typical Application Circuit
To use the ADM223ARS, you must connect four external capacitors as shown in the logic block below:
```text
[5V Supply] ----> Vcc
|
[ADM223ARS]
C1+ ---| 0.1uF |--- C1-
C2+ ---| 0.1uF |--- C2-
V+ ---| 0.1uF |--- GND
V- ---| 0.1uF |--- GND
|
[TTL/CMOS IN] --> T_IN | T_OUT --> [RS-232 DB9]
[Logic OUT] <-- R_OUT | R_IN <-- [RS-232 DB9]
```
---
### 5. Features and Use Cases
* **Low Power Shutdown:** Ideal for battery-powered peripherals. In shutdown mode, all drivers are disabled, but some receivers can remain active to "wake up" the system.
* **Compatibility:** Fully meets EIA-232-E and CCITT V.28 specifications.
* **Common Applications:**
* Industrial PC serial ports.
* Modems and POS terminals.
* Diagnostic ports on embedded systems.
- ⤷What are the specific capacitor requirements for the ADM223ARS charge pump?
- ⤷ How does the Shutdown mode differ from the Enable function on this chip?
- ⤷ What are the modern alternatives to ADM223ARS for 3.3V systems?