Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADM7150ACPZ-4.8-R7

  • AI
    ## Technical Overview of ADM7150ACPZ-4.8-R7 The **ADM7150ACPZ-4.8-R7** is a high-performance, ultra-low noise, high Power Supply Rejection Ratio (PSRR) linear regulator (LDO). It is specifically designed for powering noise-sensitive precision analog circuits. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 4.8V (Fixed) | | **Input Voltage Range** | 4.5V to 16V | | **Maximum Output Current** | 800 mA | | **Noise Performance** | 1.0 μV rms (100 Hz to 100 kHz) | | **PSRR** | >90 dB (1 kHz to 100 kHz); >60 dB (up to 1 MHz) | | **Dropout Voltage** | 600 mV typical (at 800 mA load) | | **Package Type** | 8-lead LFCSP (3mm x 3mm) | | **Operating Temp Range** | -40°C to +125°C | --- ### 2. Core Features and Benefits * **Ultra-Low Noise:** At 1.0 μV rms, it is one of the quietest regulators on the market, eliminating the need for bulky LC filters in many applications. * **High PSRR:** Excellent at filtering out high-frequency ripples from switching power supplies, ensuring a clean DC rail for sensitive components. * **Precision Accuracy:** Offers ±1% initial accuracy and ±2% accuracy over line, load, and temperature variations. * **Stability:** Optimized for use with small, low-ESR ceramic output capacitors (10 μF). --- ### 3. Typical Pin Configuration (8-Lead LFCSP) | Pin No. | Name | Function | | :--- | :--- | :--- | | 1 | **VREG** | Regulated input voltage for the internal LDO. | | 2 | **VIN** | Regulator Input Supply. | | 3 | **EN** | Enable Input. Drive high to turn on the regulator. | | 4 | **GND** | Ground. | | 5 | **REF** | Reference Bypass. Connect a capacitor for noise reduction. | | 6 | **REF_SENSE** | Reference Sense Input. | | 7 | **VOUT** | Regulated 4.8V Output. | | 8 | **BYP** | Low-pass filter for the internal reference. | | EP | **Exposed Pad** | Must be soldered to the PCB ground plane for thermal dissipation. | --- ### 4. Application Areas 1. **RF and Microwave:** Powering VCOs (Voltage Controlled Oscillators), PLLs (Phase Locked Loops), and mixers. 2. **Medical Imaging:** Used in ultrasound and MRI systems where noise can cause image artifacts. 3. **High-Speed Data Converters:** Providing clean power to high-resolution ADCs and DACs. 4. **Precision Instrumentation:** Powering low-noise amplifiers and sensor interfaces. --- ### 5. Implementation Example To utilize this part effectively, external capacitors are required to maintain stability and low noise. ```c // Example Design Considerations (Hardware) Input_Capacitor = 10uF (Ceramic, X5R or X7R) Output_Capacitor = 10uF (Ceramic, Low ESR) REF_Capacitor = 1uF (For noise reduction) BYP_Capacitor = 1uF (To stabilize internal reference) ```
    ✨ Follow-up Questions
    • ⤷What are the recommended thermal management techniques for the LFCSP package?
    • ⤷ How does the ADM7150 compare to the ADM7170 in terms of noise?
    • ⤷ Can this LDO be used in parallel to increase the output current?