AI

# ADM7150ARDZ-3.3-R7: Technical Overview
The **ADM7150ARDZ-3.3-R7** is a high-performance, ultra-low noise, high Power Supply Rejection Ratio (PSRR) linear regulator (LDO) manufactured by **Analog Devices**. It is specifically designed for noise-sensitive applications such as RF, microwave, and precision instrumentation.
---
## 1. Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Output Voltage** | 3.3V (Fixed) |
| **Input Voltage Range** | 4.5V to 16V |
| **Output Current** | 800 mA |
| **Dropout Voltage** | 0.6V typical (at 800 mA) |
| **Noise Density** | 1.0 nV/√Hz (above 10 kHz) |
| **PSRR** | > 90 dB (from 1 kHz to 100 kHz) |
| **Package** | 8-Lead SOIC_N_EP (Exposed Pad) |
| **Operating Temp** | -40°C to +125°C |
---
## 2. Core Electronic Features
### A. Ultra-Low Noise Performance
One of the standout features of this part is its noise spectral density. At **1.0 nV/√Hz**, it is one of the quietest regulators on the market. This makes it ideal for powering Phase-Locked Loops (PLLs), Voltage-Controlled Oscillators (VCOs), and high-speed ADCs where power supply noise can directly degrade signal integrity.
### B. High PSRR (Power Supply Rejection Ratio)
The ADM7150 provides excellent ripple rejection. This allows it to filter out high-frequency switching noise from upstream DC-DC converters, ensuring a clean 3.3V rail.
### C. Thermal Management
The "ARDZ" suffix indicates an **SOIC_N_EP** package. The **Exposed Pad (EP)** is critical because it must be soldered to the PCB ground plane to dissipate heat, as LDOs convert the voltage difference ($V_{in} - V_{out}$) directly into heat.
---
## 3. Pin Configuration
| Pin | Name | Function |
| :--- | :--- | :--- |
| 1 | **VREG** | Regulator Output (internal stage) |
| 2 | **VIN** | Input Voltage Supply |
| 3 | **EN** | Enable Input (High = On, Low = Off) |
| 4 | **GND** | Ground |
| 5 | **REF** | Reference Voltage Bypass |
| 6 | **BYP** | Low Noise Bypass Capacitor Connection |
| 7 | **VOUT** | Regulated 3.3V Output |
| 8 | **NC** | No Connect |
---
## 4. Part Number Breakdown
```text
ADM7150 A RDZ -3.3 -R7
| | | | |
| | | | +-- 7" Reel (Tape & Reel)
| | | +------- 3.3V Fixed Output
| | +------------- SOIC Package with Exposed Pad
| +----------------- Temperature Grade (-40 to +125°C)
+------------------------ Device Model Number
```
---
## 5. Typical Application Circuit
To achieve the rated noise performance, the following capacitors are typically required:
* **Input Capacitor ($C_{IN}$):** 10 µF (Ceramic)
* **Output Capacitor ($C_{OUT}$):** 10 µF (Low ESR Ceramic)
* **Bypass Capacitor ($C_{BYP}$):** 1 µF to 10 µF (to reduce noise)
- ⤷
What are the specific capacitor requirements for achieving the 1.0 nV/√Hz noise density?
- ⤷ How does the ADM7150 compare to the ADM7170 series in terms of noise and current?
- ⤷ What are the thermal design considerations for the 8-lead SOIC_N_EP package at 800mA load?