Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADM7154ARDZ-1.8-R7

  • AI
    ## ADM7154ARDZ-1.8-R7 Technical Overview The **ADM7154ARDZ-1.8-R7** is a high-performance, ultra-low noise, high Power Supply Rejection Ratio (PSRR) linear regulator (LDO) manufactured by Analog Devices. It is specifically designed to provide clean power to noise-sensitive precision analog and mixed-signal circuits. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage** | Fixed 1.8V | | **Input Voltage Range** | 2.3V to 5.5V | | **Maximum Output Current** | 600 mA | | **Noise Density** | 1.5 nV/√Hz (above 100 kHz) | | **Total RMS Noise** | 0.9 µV rms (100 Hz to 100 kHz) | | **PSRR** | >90 dB (1 kHz to 100 kHz); >58 dB (1 MHz) | | **Package** | 8-Lead SOIC_N_EP (Exposed Pad) | | **Operating Temperature** | −40°C to +125°C | --- ### 2. Core Functional Blocks The device architecture is optimized for speed and low noise: * **Low-Noise Architecture:** Unlike standard LDOs, the ADM7154 uses an advanced proprietary architecture that minimizes thermal noise. * **Internal Filter:** It utilizes an external capacitor (on the `VREF` pin) to further filter the internal reference noise. * **Error Amplifier:** High-gain, wide-bandwidth amplifier ensures excellent transient response and high PSRR across a wide frequency spectrum. * **Soft Start:** Includes an internal soft-start mechanism to limit inrush current during startup. --- ### 3. Pin Configuration and Components The **8-Lead SOIC (with Exposed Pad)** package is critical for thermal dissipation. | Pin | Mnemonic | Function | | :--- | :--- | :--- | | 1 | VREG | Regulated input to the LDO power stage. | | 2 | VIN | Input Voltage. | | 3 | EN | Enable input (Active High). | | 4 | GND | Ground. | | 5 | VREF | Reference filter pin (Requires a capacitor). | | 6 | BYP | Low-noise bypass pin. | | 7 | VOUT | Regulated Output (1.8V). | | 8 | SENSE | Feedback sense input for voltage regulation. | | EP | Pad | Exposed Pad; must be connected to GND for heat sinking. | --- ### 4. Typical Application Use Cases Because of its ultra-low noise floor, this part is ideal for: 1. **ADC/DAC Powering:** Supplying clean rails to high-speed converters to prevent jitter and maintain ENOB (Effective Number of Bits). 2. **RF Circuits:** Powering Phase Locked Loops (PLLs), Voltage Controlled Oscillators (VCOs), and Mixers. 3. **Medical Imaging:** Precision sensors and low-noise front-end electronics. 4. **Communications:** Optical modules and base station radio units. --- ### 5. Part Number Breakdown * **ADM7154:** Base Model Number. * **ARDZ:** Package Type (SOIC_N_EP, R for RoHS compliant). * **1.8:** Fixed 1.8V Output. * **R7:** Packaging format (7-inch Tape and Reel, typically 1,000 units).
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the external capacitors (VREF and BYP) for optimal noise performance?
    • ⤷ How does the thermal performance change if the exposed pad is not properly soldered?
    • ⤷ Can this LDO be used for 1.2V or 3.3V applications by changing external components?