AI

## Overview of ADM7155ARDZ-03-R7
The **ADM7155ARDZ-03-R7** is a high-performance, ultra-low noise, high Power Supply Rejection Ratio (PSRR) linear regulator (LDO). It is specifically designed to provide clean power to noise-sensitive precision analog and mixed-signal circuits.
---
### Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Analog Devices Inc. (ADI) |
| **Output Voltage** | 3.3 V (Fixed Version) |
| **Input Voltage Range** | 2.3 V to 5.5 V |
| **Maximum Output Current** | 600 mA |
| **RMS Noise** | 0.9 µV (typical, 100 Hz to 100 kHz) |
| **PSRR** | > 90 dB (1 kHz to 100 kHz) |
| **Package Type** | 8-Lead SOIC_N_EP (Exposed Pad) |
| **Operating Temperature** | -40°C to +125°C |
---
### Core Functional Features
* **Ultra-Low Noise:** With an RMS noise of less than 1 µV, it is ideal for powering VCOs (Voltage Controlled Oscillators), PLLs (Phase-Locked Loops), and high-resolution ADCs.
* **High PSRR:** It effectively filters out ripples from switching power supplies, ensuring a stable and "quiet" DC output.
* **Precision Accuracy:** Offers ±2% output voltage accuracy over line, load, and temperature variations.
* **Soft Start:** Includes an adjustable soft start to minimize inrush current during startup.
* **Protection Circuitry:** Features internal thermal shutdown and current-limit protection to prevent damage under fault conditions.
---
### Pin Configuration (8-Lead SOIC)
| Pin No. | Mnemonic | Description |
| :--- | :--- | :--- |
| 1 | **VOUT** | Regulated Output Voltage. |
| 2 | **VOUT_S** | Output Voltage Sense input for tight regulation. |
| 3 | **VREG** | Regulated Voltage for internal circuitry (requires capacitor). |
| 4 | **VIN** | Input Supply Voltage. |
| 5 | **EN** | Enable Input. High = On, Low = Off. |
| 6 | **BYP** | Bypass capacitor connection for noise reduction. |
| 7 | **REF** | Reference voltage output/input. |
| 8 | **GND** | Ground. |
| **EP** | **Exposed Pad** | Must be soldered to PCB ground for thermal dissipation. |
---
### Typical Application Circuit
```text
Input (2.3V-5.5V) ----[ VIN ]-------[ ADM7155 ]-------[ VOUT ]---- Output (3.3V)
| | |
[Cin] [GND] [Cout]
| | |
Ground Ground Ground
```
---
### Ordering Information Detail
The suffix **-03** indicates the fixed output voltage (3.3V), and **-R7** indicates the packaging format (7-inch tape and reel, usually containing 1,000 units).
- ⤷What are the recommended capacitor values for stable operation of the ADM7155?
- ⤷ How does the ADM7155 compare to the ADM7150 in terms of noise performance?
- ⤷ What are the thermal considerations for using the 8-lead SOIC package at 600mA?