Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADM7170ACPZ-2.5-R7

  • AI
    The **ADM7170ACPZ-2.5-R7** is a high-performance, CMOS low dropout (LDO) linear regulator produced by Analog Devices. It is designed for high-speed, analog, and mixed-signal circuits that require high PSRR (Power Supply Rejection Ratio) and low noise. --- ### ## Technical Specifications The following table outlines the primary electrical characteristics of the ADM7170ACPZ-2.5-R7: | Parameter | Value / Specification | | :--- | :--- | | **Input Voltage Range** | 2.3 V to 6.5 V | | **Output Voltage (Fixed)** | 2.5 V | | **Maximum Output Current** | 500 mA | | **Dropout Voltage** | 42 mV (typical at 500 mA load) | | **PSRR** | 70 dB at 1 kHz; 45 dB at 1 MHz | | **Output Noise** | 5 μV rms (10 Hz to 100 kHz) | | **Operating Temperature** | -40°C to +125°C | | **Package / Case** | 8-Lead LFCSP (3mm x 3mm) | --- ### ### Key Electronic Components & Features #### 1. Low Dropout (LDO) Architecture This part utilizes a PMOS pass element, allowing for a very low dropout voltage. This is critical for battery-powered applications where efficiency is maintained even as the input voltage approaches the 2.5V output level. #### 2. Precision Enable (EN) Pin The device includes a precision enable input. This allows the regulator to be turned on or off via logic signals, reducing quiescent current to less than **1.0 μA** when disabled, which preserves battery life in portable electronics. #### 3. Soft Start Functionality The ADM7170 features an internal soft-start capability that limits the inrush current during startup. This protects the power source and the sensitive downstream components from sudden voltage spikes. #### 4. Thermal and Current Protection The chip integrates internal protection circuitry to prevent damage: * **Thermal Shutdown:** Automatically turns off the device if the junction temperature exceeds safe limits. * **Short-Circuit Protection:** Limits the current if the output is shorted to ground. --- ### ### Typical Application Circuit To ensure stability and low noise, specific external capacitors are required. Below is a representation of the typical pin configuration logic: ```c // Typical Pinout logic for ADM7170 1. VIN -> Input Voltage (Add 4.7uF Ceramic Capacitor) 2. VOUT -> 2.5V Regulated Output (Add 4.7uF Ceramic Capacitor) 3. EN -> Enable (High = On, Low = Off) 4. SENSE -> Feedback Connection to VOUT 5. SS -> Soft Start (Optional capacitor to GND) 6. GND -> System Ground 7. NC -> No Connection 8. EP -> Exposed Pad (Must be soldered to GND for heat dissipation) ``` --- ### ### Target Applications * Regulation to noise-sensitive analog-to-digital converters (ADCs). * Phase-locked loops (PLLs) and Voltage-controlled oscillators (VCOs). * Communications and infrastructure power. * Medical and imaging equipment.
    ✨ Follow-up Questions
    • ⤷What are the recommended capacitor types for the ADM7170 to ensure stability?
    • ⤷ How does the PSRR performance of this LDO compare to standard linear regulators?
    • ⤷ What is the significance of the R7 suffix in the part number?