Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADM7171ACPZ-4.2-R7

  • AI
    ## ADM7171ACPZ-4.2-R7 Overview The **ADM7171ACPZ-4.2-R7** is a high-performance, low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed for high-speed, noise-sensitive applications where a stable power supply is critical. --- ### Core Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage (Fixed)** | 4.2 V | | **Input Voltage Range** | 2.3 V to 6.5 V | | **Maximum Output Current** | 1 Ampere | | **Dropout Voltage** | 42 mV (Typical at 1A) | | **PSRR (1 kHz)** | 80 dB | | **Noise (10 Hz to 100 kHz)** | 5 μV rms | | **Package Type** | LFCSP (8-lead, 3mm x 3mm) | --- ### Key Features and Functions 1. **Low Noise Performance:** With a noise floor of only **5 μV rms**, this part is ideal for powering sensitive analog components like ADCs, DACs, and precision amplifiers without introducing switching interference. 2. **High PSRR (Power Supply Rejection Ratio):** The high PSRR (80 dB at 1 kHz) allows the device to effectively filter out ripple from upstream switching regulators, ensuring a clean DC output. 3. **Soft Start Capability:** The device includes a programmable soft start feature (via an external capacitor) to control the inrush current during power-up, preventing voltage spikes. 4. **Protection Circuitry:** * **Thermal Overload Protection:** Shuts down the device if internal temperatures exceed safe limits. * **Current-Limit Protection:** Protects the regulator and the load during short-circuit conditions. 5. **Precision Enable:** The enable (EN) pin has a precise threshold, allowing the regulator to be used for power sequencing in multi-rail systems. --- ### Typical Application Circuit To operate the ADM7171, minimal external components are required: ```mermaid graph LR Vin[Input Voltage] --> Cin[10uF Capacitor] Cin --> ADM[ADM7171] ADM --> Cout[22uF Capacitor] Cout --> Vout[4.2V Stable Output] SS_Pin[SS Pin] --- Css[Soft Start Cap] ``` ### Typical Use Cases * **Medical Imaging:** Precise power for ultrasound and MRI sensors. * **Telecommunications:** Powering RF transceivers and base stations. * **Scientific Instrumentation:** Low-noise rails for laboratory measurement tools. * **High-Speed Data Converters:** Providing clean bias voltages to high-speed clocking circuits.
    ✨ Follow-up Questions
    • ⤷How does the soft-start capacitor value affect the startup time?
    • ⤷ What are the thermal considerations for the LFCSP package at 1A current?
    • ⤷ Can this regulator be used with an adjustable output voltage instead of fixed 4.2V?