ADM7172ACPZ-4.2-R7
AI

### ADM7172ACPZ-4.2-R7 Technical Overview
The **ADM7172ACPZ-4.2-R7** is a high-performance, low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed for high-speed, noise-sensitive applications where maintaining power integrity is critical.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage (Fixed)** | 4.2 V |
| **Input Voltage Range** | 2.3 V to 6.5 V |
| **Maximum Output Current** | 2 A |
| **Dropout Voltage** | 170 mV (Typical at 2 A load) |
| **PSRR (Power Supply Rejection Ratio)** | 80 dB at 1 kHz; 60 dB at 1 MHz |
| **Output Noise** | 5 μV rms (10 Hz to 100 kHz) |
| **Package Type** | 8-Lead LFCSP (3mm x 3mm) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Core Features & Pin Functions
This IC includes several integrated features to ensure stability and protection:
* **Soft Start (SS):** Allows for a controlled increase in output voltage during power-up, reducing inrush current.
* **Precision Enable (EN):** Enables or disables the device with a specific threshold, allowing for power sequencing.
* **Power Good (PG):** An open-drain output that signals when the output voltage is within 90% of its nominal value.
* **Protection:** Includes thermal overload protection and short-circuit current limiting.
---
### 3. Application Use Cases
Due to its high current capability and exceptionally low noise, the ADM7172 is commonly used in:
1. **ADC/DAC Powering:** Providing clean rails for high-resolution converters.
2. **RF/PLL Circuits:** Minimizing phase noise in oscillators and frequency synthesizers.
3. **Communication Infrastructure:** Powering high-speed FPGA and DSP cores.
4. **Medical Instrumentation:** Where low noise is vital for sensor accuracy.
---
### 4. Circuit Implementation Example
To achieve the specified performance, low-ESR ceramic capacitors are required.
```python
# Component Selection Guide
Input_Capacitor = "4.7 uF Ceramic (Minimum)"
Output_Capacitor = "4.7 uF Ceramic (Minimum)"
Soft_Start_Cap = "Optional (Connect to SS pin for timing)"
```
---
- ⤷
What is the significance of the 60 dB PSRR at 1 MHz for RF applications?
- ⤷ How does the LFCSP package affect thermal management for this 2A regulator?
- ⤷ Can this regulator be used with an input voltage higher than 6.5V if a voltage divider is used?