ADM823MYKSZ-R7
AI

### Overview of ADM823MYKSZ-R7
The **ADM823MYKSZ-R7** is a high-performance supervisory circuit designed by Analog Devices. Its primary function is to monitor power supply voltage levels in microprocessor systems and provide a reset signal to ensure system integrity during power-up, power-down, or brownout conditions.
---
### Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Function** | Microprocessor Supervisory Circuit |
| **Threshold Voltage ($V_{TH}$)** | 4.38V (Standard for 5V systems) |
| **Supply Current** | 5 $\mu$A (Typical) |
| **Reset Timeout Period** | 140 ms (Minimum) |
| **Output Type** | Push-Pull, Active-Low ($\overline{RESET}$) |
| **Package / Case** | SC-70-5 (5-lead) |
| **Operating Temperature** | -40°C to +125°C |
---
### Core Functional Blocks
The electronic architecture of the ADM823 consists of three main sub-systems:
#### 1. Voltage Comparator and Reference
The chip contains a high-precision internal voltage reference and a comparator. It continuously monitors the $V_{CC}$ pin. If the voltage drops below the factory-set threshold (4.38V for the 'M' variant), the device triggers a reset.
#### 2. Watchdog Timer (WDT)
This part includes an integrated watchdog input (**WDI**).
* **Purpose:** It prevents system "hangs" or software freezes.
* **Operation:** The microprocessor must toggle the WDI pin within a specific timeout period (typically 1.6 seconds). If the processor fails to strobe the pin, the ADM823 issues a reset.
#### 3. Manual Reset (MR) Input
The device features a debounced manual reset input. When the **$\overline{MR}$** pin is pulled low (e.g., via a physical push-button), it forces the $\overline{RESET}$ output to go active.
---
### Pin Configuration (SC-70)
| Pin No. | Name | Description |
| :--- | :--- | :--- |
| 1 | **$\overline{RESET}$** | Active-low output; stays low during reset events. |
| 2 | **GND** | Ground reference (0V). |
| 3 | **$\overline{MR}$** | Manual Reset Input (Active-low). |
| 4 | **WDI** | Watchdog Input; requires a transition to clear the timer. |
| 5 | **$V_{CC}$** | Supply voltage and monitored input. |
---
### Typical Application Circuit
```c
// Logic Representation of Reset Condition
if (Vcc < Vth || MR == LOW || WDI_Time > 1.6s) {
Reset_Output = LOW; // System Reset Triggered
} else {
Reset_Output = HIGH; // System Running Normally
}
```
---
- ⤷
What are the main differences between the ADM823 and ADM825 variants?
- ⤷ How do you calculate the required pull-up resistor for the MR pin?
- ⤷ What is the specific meaning of the 'R7' suffix in the part number?