ADM8611N263ACBZ-R7
AI

The **ADM8611N263ACBZ-R7** is a high-precision, low-power voltage supervisory circuit designed to monitor power supply levels in microprocessor-based systems. It is manufactured by Analog Devices and is commonly used in space-constrained portable electronics.
---
### 1. Key Technical Specifications
The following table highlights the primary electrical characteristics of the device:
| Parameter | Specification |
| :--- | :--- |
| **Threshold Voltage** | 2.63V (Nominal) |
| **Output Type** | Open-Drain (Active Low) |
| **Supply Current** | 10 $\mu$A (Typical) |
| **Reset Timeout Period** | 140 ms (Minimum) |
| **Input Channels** | 1 (Voltage Monitor) |
| **Package Type** | 4-ball WLCSP (Wafer Level Chip Scale Package) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Functional Description
The ADM8611 functions as a "Watchdog" or "Reset Generator" for digital systems. Its primary tasks include:
* **Voltage Monitoring:** It continuously monitors the $V_{CC}$ pin. If the supply voltage drops below the **2.63V** threshold, the device triggers a reset signal.
* **Reset Generation:** When the threshold is breached, the $\overline{RESET}$ output goes low. It remains low for the duration of the "Reset Timeout" (140ms) after the voltage returns above the threshold to ensure the system processor stabilizes.
* **Manual Reset (MR):** This part includes a manual reset input, allowing a physical button or an external logic signal to force a system reset regardless of the voltage level.
---
### 3. Pinout and Internal Logic
The device is extremely compact due to its WLCSP footprint. Below is a conceptual representation of its internal connections:
```mermaid
graph LR
VCC(VCC 2.63V) --> Comparator
REF(Internal Reference) --> Comparator
Comparator --> Delay_Logic
MR(Manual Reset Input) --> Delay_Logic
Delay_Logic --> RESET(Open-Drain Output)
```
---
### 4. Typical Application Circuit
Since the output is **Open-Drain**, a pull-up resistor is required to interface with a microcontroller (MCU).
```c
// Example: Hardware Integration logic
// 1. Connect VCC to the 3.3V or 3.0V rail.
// 2. Connect GND to System Ground.
// 3. Connect RESET pin to MCU RESET pin with a 10k-100k Ohm pull-up.
// 4. (Optional) Connect MR to a tactile switch.
```
---
### 5. Part Number Decoding
The suffix **-R7** indicates the packaging format:
* **ADM8611**: Model series.
* **N**: No Watchdog timer (Standard supervisory).
* **263**: 2.63V threshold.
* **ACBZ**: WLCSP Package code.
* **R7**: 7-inch tape and reel (3,000 pieces).
- ⤷What are the advantages of using a WLCSP package over a standard SOT-23?
- ⤷ How does the Open-Drain output affect the power consumption of the reset line?
- ⤷ Can this device be used to monitor a 1.8V rail?