ADMV8526ACCZ-R7
AI

The **ADMV8526ACCZ-R7** is a high-performance, digitally tunable band-pass filter (BPF) manufactured by Analog Devices. It is designed for high-frequency applications where flexible frequency selection and high rejection are required.
---
## 1. Key Specifications
The following table summarizes the primary electrical and physical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Frequency Range** | 1.2 GHz to 2.6 GHz |
| **Filter Type** | Band-pass (Digitally Tunable) |
| **Insertion Loss** | ~4.0 dB (Typical) |
| **Rejection** | 20 dB (at 10% offset from center frequency) |
| **Control Interface** | 3-wire or 4-wire SPI |
| **Package** | 40-terminal LGA_CAV (6mm x 6mm) |
| **Operating Temperature** | -40°C to +85°C |
---
## 2. Core Functional Parts
The internal architecture of the ADMV8526 consists of several critical subsystems:
### A. Tunable Resonators
The heart of the device consists of integrated inductors and digitally controlled capacitors (switched capacitor banks). By changing the digital code via SPI, the capacitance value shifts, effectively moving the center frequency ($f_c$) across the 1.2 GHz to 2.6 GHz range.
### B. Digital Logic (SPI Interface)
The chip features an on-board serial-to-parallel interface.
- It allows for **8-bit tuning resolution**, providing fine-grained control over the passband location.
- It includes registers to manage power-down modes and calibration.
### C. RF Input/Output Stages
- **50 $\Omega$ Matching:** The RF ports are internally matched to 50 ohms, simplifying the PCB design and reducing the need for external tuning components.
- **Biasing Circuitry:** Requires a positive supply (typically 3.3V) to power the internal logic and switch drivers.
---
## 3. Applications and Usage
This part is typically found in advanced communication systems where spectrum agility is mandatory:
1. **Military Radio:** Fast frequency hopping and interference mitigation.
2. **Test and Measurement:** Used in signal generators and analyzers to filter out harmonics.
3. **Satellite Communications:** Tuning to specific transponder bands.
4. **Radar Systems:** Filtering unwanted out-of-band noise in the L and S bands.
---
## 4. Example SPI Control Logic
To interface with the part, a microcontroller sends a 24-bit word (Address + Data). Below is a conceptual representation of how a tuning command might look:
```cpp
// Pseudocode for setting Center Frequency
void setFrequency(uint8_t tuningCode) {
digitalWrite(CS_PIN, LOW); // Select the ADMV8526
SPI.transfer(0x05); // Address for Center Frequency Register
SPI.transfer(tuningCode); // 8-bit value (0-255) to shift frequency
digitalWrite(CS_PIN, HIGH); // Update hardware
}
```
---
- ⤷
What is the typical tuning speed (switching time) for the ADMV8526?
- ⤷ How does the insertion loss vary across the 1.2 GHz to 2.6 GHz range?
- ⤷ Does this device require external bypass capacitors for the power supply?