ADN-132-R/Q
AI

The **ADN-132-R/Q** is a specific series of high-performance logic gates, typically categorized within the **ECL (Emitter-Coupled Logic)** or **PECL (Positive Emitter-Coupled Logic)** families. These components are primarily used in high-speed clock distribution and signal routing.
---
### 1. Key Technical Specifications
The "R/Q" suffix usually denotes specific packaging or temperature grade variations. Below are the general characteristics of the ADN-132 series:
| Parameter | Specification |
| :--- | :--- |
| **Logic Type** | Differential Receiver / Driver |
| **Input Logic** | PECL / NECL / Differential |
| **Supply Voltage ($V_{CC}$)** | 3.3V to 5.0V (Typical) |
| **Propagation Delay** | < 300 ps (ultra-fast) |
| **Operating Temperature** | -40°C to +85°C |
| **Package Type** | SOIC-8 or MSOP-8 |
---
### 2. Core Functions
The ADN-132-R/Q serves three primary roles in an electronic circuit:
1. **Level Shifting:** It translates differential signals (like those coming from a fiber optic transceiver) into logic levels that standard chips can understand.
2. **Clock Distribution:** Due to its extremely low "skew" (timing variation), it is used to send clock signals to multiple parts of a PCB simultaneously without losing synchronization.
3. **Signal Conditioning:** It acts as a buffer to strengthen weak signals that have traveled across long copper traces, preventing data corruption.
---
### 3. Pinout Configuration (Standard 8-Pin)
| Pin # | Name | Description |
| :---: | :--- | :--- |
| 1 | **$V_{BB}$** | Reference voltage output for single-ended use. |
| 2 | **D** | Non-inverting data input. |
| 3 | **$\bar{D}$** | Inverting data input. |
| 4 | **$V_{EE}$** | Negative supply (Ground). |
| 5 | **$\bar{Q}$** | Inverting data output. |
| 6 | **Q** | Non-inverting data output. |
| 7 | **NC** | No Connect. |
| 8 | **$V_{CC}$** | Positive supply voltage. |
---
### 4. Application Use-Cases
* **Networking Gear:** High-speed routers and switches.
* **Automated Test Equipment (ATE):** Where precise timing is critical for measuring semiconductors.
* **Fiber Optics:** Converting light-pulse signals into digital electrical pulses.
---
### 5. Design Considerations
* **Termination:** Because this is a high-speed ECL device, the outputs usually require a **50-ohm termination** to a specific termination voltage ($V_{CC}$ - 2V) to prevent signal reflection.
* **Decoupling:** High-frequency switching requires 0.1µF and 0.01µF capacitors placed as close to the $V_{CC}$ pin as possible to minimize noise.
- ⤷
What are the main differences between the R and Q suffixes for this component?
- ⤷ How do I calculate the termination resistor values for a 3.3V PECL setup?
- ⤷ Are there modern CMOS alternatives to the ADN-132 for lower power consumption?