ADN2526ACPZ-R7
AI

### ADN2526ACPZ-R7: Electronic Component Overview
The **ADN2526ACPZ-R7** is a high-performance, differential laser diode driver manufactured by Analog Devices. It is specifically designed for high-speed fiber optic communication modules, particularly for 10 Gbps SFP+ and XFP applications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Analog Devices |
| **Data Rate** | Up to 11.3 Gbps |
| **Supply Voltage** | 3.3 V (Typical) |
| **Modulation Current** | Up to 80 mA |
| **Bias Current** | Up to 100 mA |
| **Package** | 16-Lead LFCSP (3mm x 3mm) |
| **Operating Temp** | -40°C to +85°C |
---
### 2. Functional Description
The device serves as the interface between the high-speed data source (the SERDES) and the laser diode (VCSEL, DFB, or FP). Its primary functions include:
* **Differential Input:** It accepts high-speed differential signals to minimize noise interference.
* **Modulation Control:** Precisely controls the AC current injected into the laser to define the optical "1" and "0" levels.
* **Bias Control:** Provides a constant DC current to the laser diode to keep it above the threshold voltage, ensuring rapid response times.
* **Automatic Optical Power Control (APC):** It can interface with a monitor photodiode (MPD) to maintain constant average optical power over temperature and aging.
---
### 3. Pinout & Connectivity Highlights
| Pin Type | Description |
| :--- | :--- |
| **VCC** | Power supply pins for the internal circuitry. |
| **DATAP / DATAN** | Differential high-speed data inputs. |
| **IBIAS** | Output pin for setting the laser bias current. |
| **IMOD** | Output pin for controlling the modulation current. |
| **GND** | Ground connection (includes the exposed paddle for thermal relief). |
---
### 4. Common Applications
1. **SFP+ / XFP Modules:** Used in transceivers for 10G Ethernet and Fibre Channel.
2. **SONET/SDH:** High-speed telecommunication backbone infrastructure.
3. **Optical Transmitters:** Custom high-bandwidth data links in industrial or military hardware.
---
### 5. Implementation Considerations
* **Thermal Management:** The LFCSP package features an exposed pad. This must be soldered to the PCB ground plane to dissipate heat effectively.
* **Impedance Matching:** To operate at 11.3 Gbps, the input traces must be carefully matched to 100 $\Omega$ differential impedance to prevent signal reflections.
* **Bypassing:** Use low-ESR ceramic capacitors close to the VCC pins to filter high-frequency noise.
- ⤷
What are the differences between the ADN2526 and the ADN2525 models?
- ⤷ How does the APC (Automatic Power Control) loop work in this specific chip?
- ⤷ What are the recommended laser diode types for use with the ADN2526?