Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADP-SMAM-RPSF-G

  • AI
    ## Overview of the ADP-SMAM-RPSF-G The **ADP-SMAM-RPSF-G** is a specialized Radio Frequency (RF) coaxial adapter used to bridge connections between two different types of SMA (SubMiniature version A) interfaces. In RF electronics, nomenclature is critical. This specific part functions as a gender and polarity changer between a standard SMA and a Reverse Polarity SMA (RP-SMA). --- ### 1. Breakdown of the Part Number The alphanumeric code describes the specific physical and electrical configuration of the adapter: | Segment | Meaning | Description | | :--- | :--- | :--- | | **ADP** | Adapter | Identifies the component as an interconnecting device. | | **SMAM** | SMA Male | Standard SMA Plug (Threading on the inside, center pin). | | **RPSF** | RP-SMA Female | Reverse Polarity SMA Jack (Threading on the outside, center pin). | | **G** | Gold Plated | Indicates the surface finish for conductivity and corrosion resistance. | --- ### 2. Electrical & Mechanical Specifications Most adapters in this class (typically manufactured by companies like Amphenol, L-Com, or Pasternack) share the following electronic characteristics: #### A. Electrical Properties * **Impedance:** 50 Ohms (Standard for most RF communication systems). * **Frequency Range:** DC to 12.4 GHz (Can sometimes reach 18 GHz depending on build quality). * **VSWR (Voltage Standing Wave Ratio):** Typically < 1.20:1 to minimize signal reflection. * **Insulation Resistance:** 5000 MΩ minimum. * **Dielectric Withstanding Voltage:** 1000V RMS. #### B. Physical Materials * **Body Material:** Brass or Stainless Steel. * **Plating:** Gold plating (usually 1-3 micro-inches) over Nickel. * **Insulator:** PTFE (Teflon), chosen for its low dielectric constant. * **Center Contact:** Beryllium Copper or Brass (Gold plated). --- ### 3. Key Electronic Distinction: Standard vs. RP-SMA The "RP" (Reverse Polarity) aspect is the most critical electronic feature of this part. | Interface Type | Housing Threading | Center Contact (Electronic) | | :--- | :--- | :--- | | **Standard SMA Male** | Inside Threads | **Pin** (Male) | | **Standard SMA Female** | Outside Threads | **Socket** (Female) | | **RP-SMA Male** | Inside Threads | **Socket** (Female) | | **RP-SMA Female** | Outside Threads | **Pin** (Male) | **Function of ADP-SMAM-RPSF-G:** It allows a device with a standard SMA Female port (like a high-end radio) to connect to a cable ending in an RP-SMA Male connector (common in Wi-Fi antennas). --- ### 4. Common Applications * **Wi-Fi Networking:** Converting consumer-grade RP-SMA antennas to professional SMA test equipment. * **Telecommunications:** Interfacing GPS or Cellular modules with standard cabling. * **Laboratory Testing:** Connecting Spectrum Analyzers (usually standard SMA/N-Type) to IoT devices.
    ✨ Follow-up Questions
    • ⤷ What is the signal loss (insertion loss) typically associated with this type of RF adapter?
    • ⤷ Can this adapter be used for 5G applications operating above 20 GHz?
    • ⤷ How does 'Reverse Polarity' differ from 'Reverse Threading' in RF connectors?