ADP122ACPZ-2.5-R7
AI

The **ADP122ACPZ-2.5-R7** is a high-performance, low quiescent current, low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide a stable 2.5V output from a wide range of input voltages, making it ideal for battery-powered and portable electronic devices.
---
### ## Technical Specifications
Below are the primary electrical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage (Fixed)** | 2.5 V |
| **Input Voltage Range** | 2.3 V to 5.5 V |
| **Maximum Output Current** | 300 mA |
| **Dropout Voltage** | 85 mV (typical at 300 mA load) |
| **Quiescent Current ($I_q$)** | 45 µA (typical with no load) |
| **Shutdown Current** | < 1 µA |
| **PSRR (Power Supply Rejection Ratio)** | 60 dB at 10 kHz |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | 6-lead LFCSP (2mm x 2mm) |
---
### ### Key Features and Internal Parts
1. **Low Dropout (LDO) Architecture**: Uses a PMOS pass element, which allows the device to maintain regulation even when the input voltage is very close to the output voltage.
2. **Enable (EN) Logic**: Includes a dedicated enable pin. When pulled low, it enters a "shutdown mode" where it consumes less than 1 µA, preserving battery life.
3. **Internal Protection**:
* **Thermal Overload Protection**: Shuts down the device if the junction temperature exceeds safe limits.
* **Short-Circuit Protection**: Limits the output current to prevent damage during a fault.
4. **Stability**: Optimized for use with small, low-ESR ceramic capacitors (as small as 1 µF).
---
### ### Typical Application Circuit
The ADP122 requires minimal external components for operation:
```text
Input (2.3V-5.5V) ----[ C_in: 1uF ]----| VIN VOUT |----[ C_out: 1uF ]---- Output (2.5V)
| ADP122 |
Enable Signal -------------------------| EN GND |---------------------- Ground
```
---
### ### Naming Convention Breakdown
* **ADP122**: Model series (LDO Regulator).
* **ACPZ**: Package code (LFCSP) and RoHS compliance (Z).
* **2.5**: Fixed output voltage (2.5 Volts).
* **R7**: Packaging type (7-inch Reel, usually containing 3,000 units).
- ⤷
How does the ADP122 compare to the ADP121 in terms of input voltage range?
- ⤷ What are the recommended values for input and output capacitors for this LDO?
- ⤷ Can this part be used in automotive applications requiring AEC-Q100 qualification?