ADP122ACPZ-2.6-R7
AI

## ADP122ACPZ-2.6-R7: Technical Overview
The **ADP122ACPZ-2.6-R7** is a low quiescent current, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed for portable and battery-powered applications where power efficiency and space are critical.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Output Voltage (Fixed)** | 2.6 V |
| **Input Voltage Range** | 2.3 V to 5.5 V |
| **Maximum Output Current** | 300 mA |
| **Dropout Voltage (Typical)** | 85 mV @ 300 mA |
| **Quiescent Current (Iq)** | 45 µA (No load) |
| **PSRR (Power Supply Rejection Ratio)** | 60 dB @ 100 kHz |
| **Package Type** | 6-lead LFCSP (2mm x 2mm) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Core Functional Components
The internal architecture of the ADP122ACPZ-2.6-R7 consists of several critical electronic sections:
#### A. Internal Reference & Error Amplifier
The device uses a high-precision internal reference to maintain a stable 2.6V output. The error amplifier continuously compares the output voltage against this reference and adjusts the pass transistor to maintain regulation.
#### B. PMOS Pass Transistor
Unlike older bipolar regulators, this LDO uses a **PMOS pass element**. This allows for a very low dropout voltage, as the device does not require base current to stay "on," leading to higher efficiency in battery-powered devices.
#### C. Control & Protection Circuitry
* **Enable (EN) Logic:** High-threshold input that allows the chip to be turned off (shutdown mode), reducing current consumption to less than 1 µA.
* **Thermal Shutdown:** Protects the device by turning it off if the internal junction temperature exceeds safety limits.
* **Current Limit Protection:** Limits the output current to prevent damage during short-circuit or overload conditions.
---
### 3. Application Use Cases
Due to its small footprint and low noise, this part is commonly used in:
1. **Mobile Handsets:** Powering baseband processors or memory.
2. **Digital Cameras:** Providing clean power to image sensors.
3. **Portable Medical Equipment:** Where long battery life and reliability are paramount.
4. **IoT Sensors:** Devices requiring low standby power.
---
### 4. Typical Application Circuit
To ensure stability, the ADP122 requires minimal external components:
```markdown
Vin ----[ Cin: 1uF ]----| ADP122 |----[ Cout: 1uF ]---- Vout (2.6V)
| |
Enable -----------------| EN |
| GND |
|
---
```
*Note: Low ESR ceramic capacitors (X5R or X7R) are recommended for both input and output filters.*
---
- ⤷What is the difference between the ADP122 and the ADP123 series?
- ⤷ How does the dropout voltage affect battery life in 3.3V systems?
- ⤷ Can this regulator handle input spikes up to 6V?