ADP124ACPZ-1.8-R7
AI

## Overview of ADP124ACPZ-1.8-R7
The **ADP124ACPZ-1.8-R7** is a low quiescent current, low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide a stable, fixed output voltage of **1.8V** from an input voltage range, making it ideal for battery-powered and space-constrained applications.
---
### Key Specifications
Below are the primary technical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 1.8V (Fixed) |
| **Input Voltage Range** | 2.3V to 5.5V |
| **Maximum Output Current** | 500 mA |
| **Dropout Voltage** | 130 mV @ 500 mA |
| **Quiescent Current ($I_q$)** | 7 µA (at no load) |
| **Shutdown Current** | < 1 µA |
| **Package** | 8-Lead LFCSP (2mm x 2mm) |
| **Operating Temperature** | -40°C to +125°C |
---
### Key Features and Internal Components
1. **Low Dropout (LDO) Architecture:**
The device uses a PMOS pass element, which allows for a very low dropout voltage. This ensures the regulator can maintain a 1.8V output even when the input battery voltage drops very close to the output target.
2. **Internal Protection Circuitry:**
* **Thermal Overload Protection:** Automatically shuts down the device if the junction temperature exceeds safe limits.
* **Short-Circuit Protection:** Includes current limiting to prevent damage during fault conditions.
3. **Enable Pin (EN):**
Allows the device to be turned on or off via logic signals. When disabled, it draws less than 1 µA, preserving battery life.
4. **Stability:**
It is specifically designed for stable operation with small **1 µF ceramic input and output capacitors**, reducing the overall PCB footprint.
---
### Pin Configuration (LFCSP Package)
| Pin No. | Name | Description |
| :--- | :--- | :--- |
| 1 | **VIN** | Regulator Input Supply |
| 2, 3 | **NC** | No Connection |
| 4 | **EN** | Enable Input (High = On, Low = Off) |
| 5 | **GND** | Ground |
| 6 | **NC** | No Connection |
| 7 | **VOUT** | Regulated Output Voltage (1.8V) |
| 8 | **NC** | No Connection |
| EP | **Exposed Pad** | Should be connected to Ground for thermal dissipation |
---
### Typical Application Circuit
```mermaid
graph LR
Vin[Input 2.3V-5.5V] -->|C1: 1uF| IC(ADP124)
IC -->|C2: 1uF| Vout[Output 1.8V]
EnablePin[Logic Signal] --> IC
IC --- GND[Ground]
```
### Common Use Cases
* **Mobile Phones:** Powering digital cores and I/O.
* **Digital Cameras:** Stable voltage for sensors.
* **Portable Medical Devices:** High efficiency and low noise requirement.
* **Post-Regulation:** Cleaning up noise from switching power supplies.
---
- ⤷
What are the main differences between the ADP124 and the ADP125 series?
- ⤷ How do I calculate the power dissipation for this LDO in my circuit?
- ⤷ Can I use an output capacitor larger than 1 µF with the ADP124?