ADP151ACBZ-1.1-R7
AI

The **ADP151ACBZ-1.1-R7** is a high-performance, ultra-low noise, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed to provide a stable 1.1V output for noise-sensitive analog and mixed-signal applications.
---
### ## Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Analog Devices Inc. |
| **Output Voltage** | 1.1 V (Fixed) |
| **Input Voltage Range** | 2.2 V to 5.5 V |
| **Maximum Output Current** | 200 mA |
| **Dropout Voltage** | 140 mV @ 200 mA |
| **Quiescent Current (Low Load)** | 10 $\mu$A |
| **PSRR (at 10 kHz)** | 70 dB |
| **Package / Case** | 4-Ball WLCSP (Wafer Level Chip Scale Package) |
---
### ## Key Features and Components
1. **Ultra-Low Noise:**
It operates with a typical output noise of $9 \mu V_{RMS}$, making it ideal for powering sensitive RF components or high-fidelity audio circuits.
2. **Internal Protection Circuits:**
* **Current-Limit Protection:** Prevents damage during short-circuit conditions.
* **Thermal Shutdown:** Shuts the device off if the junction temperature exceeds safety limits.
3. **Enable Input (EN Pin):**
Allows the chip to be toggled on or off. When disabled, the shutdown current drops to less than 1 $\mu$A, conserving battery life in portable devices.
4. **Stable with Small Capacitors:**
The internal frequency compensation is designed to be stable with small $1 \mu F$ ceramic input and output capacitors.
---
### ## Application Context
Because of its small footprint (WLCSP package) and high power supply rejection ratio (PSRR), this part is commonly found in:
* **Mobile Phones:** Powering camera modules or sensors.
* **Medical Equipment:** Portable imaging or monitoring devices.
* **Precision Instrumentation:** Where voltage ripples could interfere with data conversion.
---
### ## Pin Configuration (WLCSP)
| Pin | Designation | Description |
| :--- | :--- | :--- |
| **A1** | **VIN** | Regulator Input Supply |
| **A2** | **VOUT** | Regulated Output Voltage (1.1V) |
| **B1** | **EN** | Enable Input (Active High) |
| **B2** | **GND** | Ground |
---
- ⤷
What are the thermal considerations when using the WLCSP package for this LDO?
- ⤷ How does the PSRR of the ADP151 compare to other LDOs in its class?
- ⤷ Can the ADP151 be used with an input voltage higher than 5.5V?