ADP151ACBZ-1.5-R7
AI

The **ADP151ACBZ-1.5-R7** is a high-performance, ultra-low noise, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed to provide stable power to noise-sensitive analog and mixed-signal circuits.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 2.2V to 5.5V |
| **Output Voltage (Fixed)** | 1.5V |
| **Maximum Output Current** | 200 mA |
| **Dropout Voltage** | 140 mV (at 200 mA load) |
| **PSRR (Power Supply Rejection Ratio)** | 70 dB at 10 kHz |
| **RMS Output Noise** | 9 µV (10 Hz to 100 kHz) |
| **Quiescent Current (No Load)** | 10 µA |
| **Package Type** | 4-ball WLCSP (Wafer Level Chip Scale Package) |
---
### 2. Functional Features
* **Ultra-Low Noise:** The extremely low noise floor (9 µV) makes it ideal for powering RF components, high-speed ADCs, and precision sensors without the need for additional bulky filters.
* **Low Quiescent Current:** With only 10 µA of ground current at no load, it significantly extends battery life in portable electronics.
* **Stability:** It is stable with tiny 1 µF ceramic input and output capacitors, allowing for a very small PCB footprint.
* **Protection Circuitry:**
* **Thermal Overload Protection:** Prevents damage from overheating.
* **Short-Circuit Protection:** Protects the device and the load during fault conditions.
---
### 3. Pin Configuration (WLCSP)
The device uses a 4-ball grid arrangement:
| Ball | Symbol | Description |
| :--- | :--- | :--- |
| A1 | **VIN** | Regulator Input Supply |
| A2 | **VOUT** | Regulated Output Voltage (1.5V) |
| B1 | **EN** | Enable Input (High = On, Low = Off) |
| B2 | **GND** | Ground |
---
### 4. Part Number Breakdown: `ADP151ACBZ-1.5-R7`
* **ADP151:** Series model number (Ultra-low noise LDO).
* **A:** Operating temperature range (-40°C to +125°C).
* **CBZ:** Indicates the WLCSP package type (Lead-free).
* **1.5:** Fixed output voltage of 1.5 Volts.
* **R7:** Packaging format (7-inch reel, typically 3,000 units).
---
### 5. Typical Applications
* Mobile phones and smartwatches.
* Digital cameras and audio accessories.
* Portable medical devices.
* RF and VCO (Voltage Controlled Oscillator) power supplies.
- ⤷
What are the layout considerations for a WLCSP package to ensure thermal stability?
- ⤷ How does the ADP151 compare to the ADP150 in terms of noise performance?
- ⤷ Can the EN pin be tied directly to VIN for always-on operation?