ADP151ACBZ-1.8-R7
AI

The **ADP151ACBZ-1.8-R7** is a high-performance, ultra-low noise, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed to provide a stable 1.8V output for noise-sensitive analog and mixed-signal applications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Output Voltage** | 1.8V (Fixed) |
| **Input Voltage Range** | 2.2V to 5.5V |
| **Maximum Output Current** | 200 mA |
| **Dropout Voltage** | 140 mV (at 200 mA load) |
| **Quiescent Current** | 10 µA (Ground current at no load) |
| **PSRR** | 70 dB at 10 kHz |
| **Package Type** | 4-ball WLCSP (Wafer Level Chip Scale Package) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Detailed Pin Configuration
The device uses a tiny 4-ball WLCSP footprint (approximately 0.8mm x 0.8mm), which is ideal for space-constrained mobile devices.
* **VIN (Ball A1):** Regulator Input Supply.
* **VOUT (Ball A2):** Regulated Output Voltage (1.8V).
* **EN (Ball B1):** Enable Input. Drive high to turn on the device; drive low to enter shutdown mode.
* **GND (Ball B2):** Ground reference.
---
### 3. Core Features and Benefits
#### A. Ultra-Low Noise Performance
The ADP151 is engineered to produce very low output noise (typically 9 µV rms). This makes it suitable for powering sensitive components like:
* Phase-Locked Loops (PLLs)
* Voltage-Controlled Oscillators (VCOs)
* High-performance ADCs/DACs
#### B. High Power Supply Rejection Ratio (PSRR)
With a PSRR of 70 dB, the device is excellent at filtering out "ripple" or noise coming from the primary power supply (such as a switching DC-DC converter), ensuring a clean 1.8V rail.
#### C. Power Efficiency
The low dropout voltage (140mV) allows the regulator to maintain a stable 1.8V even when the battery voltage drops close to the output level, extending battery life in portable electronics.
---
### 4. Typical Application Circuit
The ADP151 requires minimal external components to function reliably.
```text
Input (2.2V - 5.5V) ----[ CIN: 1uF ]---- VIN [ ADP151 ] VOUT ----[ COUT: 1uF ]---- Output (1.8V)
EN GND
| |
(Logic High) (System Ground)
```
**Notes on Capacitors:**
* **CIN:** A 1 µF ceramic capacitor is recommended to improve transient response.
* **COUT:** A 1 µF ceramic capacitor is required for stability. The device is stable with very small capacitors, which saves PCB space.
---
### 5. Ordering Information Decoded
The suffix **-R7** indicates the packaging format:
* **ADP151:** Base Part Number.
* **ACBZ:** Package Code (WLCSP).
* **1.8:** Fixed Output Voltage.
* **R7:** 7-inch Tape and Reel (containing 3,000 units).
- ⤷
What are the main differences between the ADP151 and the ADP150 series?
- ⤷ Can this LDO be used with an input voltage higher than 5.5V?
- ⤷ How does the ultra-low quiescent current benefit battery-operated devices?