ADP160ACBZ-2.1-R7
AI

The **ADP160ACBZ-2.1-R7** is a high-performance, ultra-low quiescent current, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed for battery-powered portable devices where space and power efficiency are critical.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Analog Devices Inc. |
| **Output Voltage** | 2.1V (Fixed) |
| **Input Voltage Range** | 2.2V to 5.5V |
| **Output Current** | 150 mA |
| **Quiescent Current ($I_Q$)** | 560 nA (No load) |
| **Dropout Voltage** | 60 mV (at 150 mA load) |
| **PSRR** | 70 dB at 1 kHz |
| **Package** | 4-ball WLCSP (Wafer Level Chip Scale Package) |
---
### 2. Physical Characteristics and Packaging
* **WLCSP Package:** The "CBZ" in the part number indicates a 4-ball WLCSP package. This is an extremely small footprint (approx. 0.97 mm × 0.97 mm), making it ideal for mobile phones and wearables.
* **Tape and Reel:** The "R7" suffix indicates that the part is supplied on a 7-inch tape and reel for automated SMT (Surface Mount Technology) assembly.
---
### 3. Core Functional Features
* **Ultra-Low Quiescent Current:** One of its standout features is the incredibly low ground current (560 nA). This significantly extends battery life in "always-on" or standby modes.
* **Stability with Tiny Capacitors:** It is stable with small 1 µF ceramic input and output capacitors, further reducing the total PCB area required.
* **Protection Circuitry:**
* **Overcurrent Protection:** Prevents damage during short-circuit conditions.
* **Thermal Overload Protection:** Shuts down the device if the junction temperature exceeds safety limits.
* **Logic Controlled Enable:** Allows the system microcontroller to turn the regulator on or off to save power.
---
### 4. Typical Applications
* Mobile phones and smartphones.
* Digital cameras and audio devices.
* Portable Medical Equipment.
* IoT Sensors and Wearables (Smartwatches).
---
### 5. Part Number Breakdown
`ADP160` `ACBZ` `-2.1` `-R7`
1. **ADP160:** Series Name (LDO Linear Regulator).
2. **ACBZ:** Package code (WLCSP).
3. **2.1:** Fixed Output Voltage (2.1 Volts).
4. **R7:** Packaging type (7" Tape and Reel).
- ⤷
What is the difference between the ADP160 and the ADP161 series?
- ⤷ How do I calculate the thermal dissipation for this LDO in a compact design?
- ⤷ Are there alternative fixed voltage versions available for the ADP160?