ADP162ACBZ-1.8-R7
AI

The **ADP162ACBZ-1.8-R7** is a high-performance, ultra-low quiescent current, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed for battery-powered portable devices where space and power efficiency are critical.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Output Voltage** | 1.8V (Fixed) |
| **Input Voltage Range** | 2.2V to 5.5V |
| **Maximum Output Current** | 150 mA |
| **Quiescent Current (Iq)** | 560 nA (No load) |
| **Dropout Voltage** | 150 mV @ 150 mA |
| **Package Type** | 4-ball WLCSP (Wafer Level Chip Scale Package) |
| **Accuracy** | ±1% initial accuracy |
---
### 2. Core Features
* **Ultra-Low Quiescent Current:** The most standout feature is its extremely low current consumption (under 1 µA), which significantly extends battery life in "always-on" or standby modes.
* **Stability:** It is stable with small 1 µF ceramic input and output capacitors, minimizing the PCB footprint.
* **Protection Circuits:**
* **Short-Circuit Protection:** Prevents damage during fault conditions.
* **Thermal Overload Protection:** Automatically shuts down if the internal temperature exceeds safe limits.
* **Logic Controlled Enable:** Includes an EN pin to turn the regulator on or off electronically.
---
### 3. Pin Configuration (WLCSP)
The device uses a tiny 4-ball grid layout:
| Ball | Symbol | Description |
| :--- | :--- | :--- |
| **A1** | **VIN** | Regulator Input Supply. |
| **A2** | **VOUT** | Regulated Output Voltage (1.8V). |
| **B1** | **EN** | Enable Input. High = On, Low = Off. |
| **B2** | **GND** | Ground. |
---
### 4. Common Applications
Due to its small size and efficiency, it is typically used in:
* **Mobile Phones:** Powering internal sensors or low-power logic rails.
* **IoT Devices:** Wireless sensor nodes that spend most of their time in sleep mode.
* **Wearables:** Smartwatches and fitness trackers.
* **Digital Cameras:** Powering secondary logic circuits.
---
### 5. Part Number Breakdown
* **ADP162:** Base model number.
* **ACBZ:** Package code (WLCSP).
* **1.8:** Fixed output voltage (1.8 Volts).
* **R7:** Packaging suffix (indicates 7-inch reel/tape).
- ⤷
How does the ADP162 compare to the ADP160 series in terms of power consumption?
- ⤷ What are the layout recommendations for the 4-ball WLCSP package to ensure thermal stability?
- ⤷ Can the EN pin be tied directly to VIN for always-on operation?