ADP165ACBZ-1.2-R7
AI

## Electronic Overview: ADP165ACBZ-1.2-R7
The **ADP165ACBZ-1.2-R7** is a high-performance, ultra-low quiescent current, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed for battery-operated, portable devices where power efficiency and space are critical.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 1.2V (Fixed) |
| **Input Voltage Range** | 2.2V to 5.5V |
| **Maximum Output Current** | 150 mA |
| **Quiescent Current (No Load)** | 0.6 µA (Typical) |
| **Dropout Voltage** | 120 mV @ 150 mA |
| **Package Type** | 4-ball WLCSP (Wafer Level Chip Scale Package) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Core Functional Components
The internal architecture of the ADP165 consists of several critical electronic stages:
1. **Reference Voltage Source:** An internal low-power bandgap reference that ensures the 1.2V output remains stable across temperature and input fluctuations.
2. **Error Amplifier:** Compares the output voltage to the reference. It adjusts the pass transistor to maintain the regulated 1.2V.
3. **PMOS Pass Transistor:** Unlike bipolar regulators, this uses a P-channel MOSFET as the pass element, allowing for the very low dropout voltage and ultra-low ground current.
4. **Enable (EN) Logic:** High-level logic input that turns the device on. When disabled, the current consumption drops to less than 1 µA.
5. **Protection Circuitry:**
* **Short-Circuit Protection:** Limits current to prevent damage during a fault.
* **Thermal Overload Protection:** Shuts down the device if the junction temperature exceeds safe limits (approx. 150°C).
---
### 3. Application Use Cases
Due to its tiny footprint (approx. 0.97 mm × 0.97 mm) and high efficiency, it is commonly found in:
* **Mobile Phones:** Powering digital cores or I/O rails.
* **Wearables:** Smartwatches and fitness trackers where battery life is paramount.
* **IoT Sensors:** Devices that spend most of their time in "sleep mode" and require minimal idling current.
---
### 4. Part Number Breakdown
```text
ADP165 - ACBZ - 1.2 - R7
| | | |
Series Package Fixed Tape & Reel
(WLCSP) Volts (3,000 pcs)
```
- ⤷
How does the 0.6 µA quiescent current compare to standard LDO regulators?
- ⤷ What is the recommended input and output capacitor value for this specific chip?
- ⤷ What are the advantages of the WLCSP package over a standard SOT-23 package?