ADP165ACBZ-2.3-R7
AI

## Technical Overview: ADP165ACBZ-2.3-R7
The **ADP165ACBZ-2.3-R7** is a high-performance, ultra-low quiescent current, low dropout (LDO) linear regulator manufactured by **Analog Devices**. It is specifically designed for portable and wireless devices where battery life and space-saving are critical factors.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage (Fixed)** | 2.3V |
| **Input Voltage Range** | 2.2V to 5.5V |
| **Maximum Output Current** | 150 mA |
| **Quiescent Current ($I_Q$)** | 0.6 µA (Typ) at no load |
| **Shutdown Current** | < 50 nA |
| **Dropout Voltage** | 120 mV (at 150 mA load) |
| **Package Type** | 4-ball WLCSP (Wafer Level Chip Scale Package) |
---
### 2. Core Features
* **Ultra-Low Power Consumption:** With a quiescent current of only 0.6 µA, it significantly extends the standby time of battery-operated systems.
* **Stability:** Optimized for use with small, low-ESR ceramic capacitors (1 µF), reducing the overall PCB footprint.
* **Protection Circuitry:**
* **Current-Limit Protection:** Prevents damage during overcurrent conditions.
* **Thermal Overload Protection:** Automatically shuts down the device if the junction temperature exceeds safety limits.
* **Enable Pin:** Includes an active-high enable input ($EN$), allowing the regulator to be turned off to further conserve power.
---
### 3. Pin Configuration (WLCSP)
| Pin No. | Name | Function |
| :--- | :--- | :--- |
| **A1** | **VIN** | Regulator Input Supply. |
| **A2** | **VOUT** | Regulated Output Voltage (2.3V). |
| **B1** | **EN** | Enable Input. High = On; Low = Off. |
| **B2** | **GND** | Ground. |
---
### 4. Typical Applications
* **Mobile Phones:** Used for powering internal sub-circuits or sensors.
* **IoT Devices:** Ideal for wireless sensor nodes that spend most of their time in sleep mode.
* **Wearables:** Digital watches and fitness trackers requiring minimal space and low power.
* **Digital Cameras:** Stable voltage supply for image processing or memory modules.
---
### 5. Part Numbering Breakdown
* **ADP165:** Product Family (Ultra-low $I_Q$ LDO).
* **ACBZ:** Package Code (WLCSP).
* **2.3:** Fixed Output Voltage (2.3 Volts).
* **R7:** Tape and Reel packaging (7-inch reel).
---
- ⤷
What is the difference between an LDO and a standard linear regulator in terms of efficiency?
- ⤷ Can this component handle input voltages higher than 5.5V?
- ⤷ What is the recommended value for input and output capacitors for this specific LDO?