ADP165ACPZN-R7
AI

The **ADP165ACPZN-R7** is a high-performance, low quiescent current, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed for portable and battery-powered applications where power efficiency and space are critical.
---
### ## 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 2.2 V to 5.5 V |
| **Output Current** | 150 mA |
| **Dropout Voltage** | 120 mV (at 150 mA load) |
| **Quiescent Current** | 42 μA (at no load) |
| **Shutdown Current** | < 1 μA |
| **Package Type** | 6-lead LFCSP (2mm x 2mm) |
| **Operating Temp** | -40°C to +125°C |
---
### ## 2. Functional Features
* **Low Dropout (LDO):** It allows the output voltage to remain regulated even when the input voltage is only slightly higher than the output (only 120mV difference required at full load).
* **Stability:** It is stable with small 1 μF ceramic input and output capacitors, making it ideal for miniaturized PCB designs.
* **Protection Circuitry:**
* **Thermal Overload Protection:** Prevents damage if the internal temperature exceeds limits.
* **Short-Circuit Protection:** Limits current flow during a fault.
* **Enable Pin:** A logic-level input allows the regulator to be turned off completely to save battery life.
---
### ## 3. Part Number Decoding (ADP165ACPZN-R7)
Understanding the suffix helps in identifying the exact variant:
| Segment | Meaning |
| :--- | :--- |
| **ADP165** | Series Base Number |
| **A** | Standard Performance Grade |
| **CP** | LFCSP (Lead Frame Chip Scale Package) |
| **Z** | RoHS Compliant (Lead-Free) |
| **N** | Fixed Output Voltage (Check datasheet for specific code) |
| **R7** | 7-inch Reel (Tape and Reel packaging) |
---
### ## 4. Application Use-Cases
The ADP165 is commonly found in:
1. **Mobile Handsets:** Powering baseband or RF components.
2. **Digital Cameras:** Regulating power for image sensors or processors.
3. **Portable Medical Devices:** Where long battery life is essential.
4. **IoT Sensors:** Devices requiring ultra-low standby power.
---
### ## 5. Typical Application Circuit
```mermaid
graph LR
Vin[Input Voltage] --> Cin[1uF Cap]
Vin --> ADP165[ADP165 LDO]
Enable_Signal --> ADP165
ADP165 --> Cout[1uF Cap]
ADP165 --> Vout[Regulated Output]
GND --- ADP165
```
---
- ⤷
What is the exact fixed output voltage for the ACPZN variant?
- ⤷ How does the ADP165 compare to the ADP160 series?
- ⤷ What are the PCB layout recommendations for the LFCSP package?