ADP166ACPZN-1.8-R7
AI

The **ADP166ACPZN-1.8-R7** is a high-performance, ultra-low quiescent current, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed for battery-operated portable devices where power conservation is critical.
---
### ## Technical Specifications
The following table highlights the core electrical characteristics of this specific component:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage (Fixed)** | 1.8 V |
| **Input Voltage Range** | 2.2 V to 5.5 V |
| **Maximum Output Current** | 150 mA |
| **Quiescent Current ($I_q$)** | 630 nA (Typical, No Load) |
| **Dropout Voltage** | 120 mV @ 150 mA |
| **Package Type** | 6-Lead LFCSP (2mm x 2mm) |
| **Operating Temperature** | -40°C to +125°C |
---
### ### Key Features and Benefits
* **Ultra-Low Quiescent Current:** At only 630 nA, it significantly extends battery life in "always-on" systems and standby modes.
* **Low Noise Performance:** Despite the low power consumption, it maintains low noise output, making it suitable for sensitive analog circuits.
* **Stability:** It is stable with small 1 μF ceramic input and output capacitors, allowing for a compact PCB footprint.
* **Protection Circuitry:** Includes internal thermal overload protection and short-circuit protection to prevent damage during fault conditions.
---
### ### Part Number Breakdown
Understanding the nomenclature helps in identifying variations of the chip:
1. **ADP166:** The base series name (Ultra-low $I_q$ LDO).
2. **ACPZ:** Indicates the package type (LFCSP) and RoHS compliance (Lead-free).
3. **N:** Specific variant code.
4. **1.8:** The fixed output voltage (1.8 Volts).
5. **R7:** Indicates the tape and reel size (7-inch reel).
---
### ### Typical Applications
* **Wearables:** Smartwatches and fitness trackers.
* **IoT Sensors:** Remote wireless sensors that run on coin cell batteries for years.
* **Portable Medical Devices:** Blood glucose monitors and pulse oximeters.
* **Mobile Handsets:** Low-power sub-systems within smartphones.
- ⤷
How does the quiescent current of the ADP166 compare to standard LDOs?
- ⤷ What are the recommended capacitor types for the ADP166 to ensure stability?
- ⤷ Can the ADP166 be used in applications requiring more than 150mA of current?