ADP1706ACPZ-0.8-R7
AI

The **ADP1706ACPZ-0.8-R7** is a high-performance, low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide a stable, low-noise voltage supply for sensitive electronic components, particularly in high-speed digital circuits.
---
### ## Technical Specifications
Below is a breakdown of the key technical parameters for this specific part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Analog Devices Inc. |
| **Output Voltage** | 0.8V (Fixed) |
| **Input Voltage Range** | 2.5V to 5.5V |
| **Maximum Output Current** | 1 Amp (1A) |
| **Dropout Voltage** | ~150mV @ 1A |
| **Package / Case** | 8-LFCP (3x3 mm) |
| **Operating Temperature** | -40°C to +125°C |
| **PSRR (Power Supply Rejection Ratio)** | 70 dB at 10 kHz |
---
### ### Key Features and Functionality
1. **Low Dropout (LDO):** The device can maintain a stable 0.8V output even when the input voltage is very close to the output voltage (as low as 150mV difference at full load).
2. **Enable Pin (EN):** Allows the regulator to be turned on or off via a logic signal, which is critical for power sequencing and battery saving.
3. **Soft Start:** It features an internal soft-start function to limit inrush current during startup, preventing voltage spikes that could damage sensitive loads.
4. **Thermal and Current Protection:** Includes thermal overload protection and current limit protection to prevent the chip from failing under fault conditions.
5. **Fixed Output:** This specific model is factory-trimmed to **0.8V**, meaning it does not require external resistors to set the voltage, reducing the BOM (Bill of Materials) count and saving PCB space.
---
### ### Typical Application Circuit
The ADP1706 requires minimal external components to function effectively. Usually, only input and output capacitors are required for stability.
```c
// Basic Component Setup
Input Capacitor (Cin): 4.7 µF (Ceramic)
Output Capacitor (Cout): 4.7 µF (Ceramic)
// Pinout Configuration (Simplified)
[ VIN ] <-- Input Voltage (2.5V - 5.5V)
[ GND ] <-- Ground
[ EN ] <-- Logic High to Enable
[ VOUT ] --> Stable 0.8V Output
```
---
### ### Use Cases
* **FPGA & DSP Powering:** Providing the core voltage (often 0.8V) for high-end processors.
* **Point-of-Load (POL) Regulation:** Converting a 3.3V or 5V rail down to a lower voltage locally on the PCB.
* **Medical Equipment:** High-precision instrumentation requiring low-noise power.
* **Networking:** Optical modules and high-speed routers.
- ⤷
What is the significance of the 70dB PSRR in this regulator?
- ⤷ Can I use an output capacitor larger than 4.7µF with the ADP1706?
- ⤷ How does the 'Soft Start' feature impact the power-up sequence of an FPGA?