Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADP1706ACPZ-1.2-R7

  • AI
    ## ADP1706ACPZ-1.2-R7 Overview The **ADP1706ACPZ-1.2-R7** is a low dropout (LDO) linear regulator produced by Analog Devices. It is designed to provide a stable, low-noise voltage output from a higher input voltage, specifically optimized for high-performance analog and mixed-signal circuits. ### Core Specifications | Feature | Specification | | :--- | :--- | | **Output Voltage** | 1.2V (Fixed) | | **Input Voltage Range** | 2.5V to 5.5V | | **Maximum Output Current** | 1 Ampere (1A) | | **Dropout Voltage** | ~345 mV @ 1A load | | **Quiescent Current** | 155 µA (Typical at full load) | | **Package Type** | LFCSP (Lead Frame Chip Scale Package) | | **Operating Temperature** | -40°C to +125°C | --- ### Key Technical Features 1. **Low Dropout (LDO) Performance:** It maintains regulation even when the input voltage is only slightly higher than the output voltage. This improves efficiency and reduces heat dissipation. 2. **Soft Start Functionality:** It includes an internal soft-start that limits the inrush current during startup, protecting the power source and sensitive downstream components. 3. **Stability with Ceramic Capacitors:** The device is specifically designed to be stable with small, low-ESR (Equivalent Series Resistance) ceramic output capacitors (typically 4.7 µF). 4. **Protection Circuitry:** * **Thermal Overload Protection:** Automatically shuts down if the junction temperature exceeds safe limits. * **Short-Circuit Protection:** Limits current flow if the output is shorted to ground. ### Pin Configuration (8-Lead LFCSP) | Pin Name | Description | | :--- | :--- | | **VIN** | Regulator Input Supply | | **VOUT** | Regulated Output Voltage (1.2V) | | **GND** | Ground reference | | **EN** | Enable input (Drive high to turn on, low to turn off) | | **SS** | Soft Start pin (Connect a capacitor to adjust start time) | | **NC** | No Connect | --- ### Typical Applications * **Mobile Devices:** Smart phones and tablets requiring efficient power management. * **Digital Signal Processors (DSPs):** Providing clean power to core logic. * **FPGAs & Microcontrollers:** Stable 1.2V rails for high-speed digital processing. * **Medical Equipment:** High-precision instruments requiring low noise. --- ### Deciphering the Part Number * **ADP1706:** Series Number (1A LDO). * **ACPZ:** Package indicator (LFCSP, RoHS compliant). * **1.2:** Fixed output voltage of 1.2 Volts. * **R7:** Indicates Tape and Reel packaging (7-inch reel).
    ✨ Follow-up Questions
    • ⤷What are the recommended values for the input and output capacitors for this specific LDO?
    • ⤷ How does the 'Enable' pin threshold behave in low-power modes?
    • ⤷ What is the thermal resistance (Theta-JA) of the LFCSP package for heat dissipation calculations?