Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADP1706ACPZ-2.5-R7

  • AI
    ## ADP1706ACPZ-2.5-R7: Technical Overview The **ADP1706ACPZ-2.5-R7** is a low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide a stable, low-noise output voltage for high-performance analog and mixed-signal circuits. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 2.5 V to 5.5 V | | **Fixed Output Voltage** | 2.5 V | | **Maximum Output Current** | 1 Amp (1000 mA) | | **Dropout Voltage** | 345 mV @ 1A | | **Quiescent Current** | 1.1 mA (at full load) | | **Package Type** | 8-Lead LFCSP (3mm x 3mm) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Parts & Features The device integrates several critical electronic components and sub-systems within its silicon architecture: * **Pass Transistor:** Uses a P-channel MOSFET as the pass element, allowing for low dropout voltages and low ground current even at high loads. * **Voltage Reference:** An internal high-precision bandgap reference ensures the 2.5V output remains stable across temperature and input fluctuations. * **Soft Start Function:** It features an internal soft-start capability that limits the inrush current during startup, protecting the power source. * **Protection Circuitry:** * **Thermal Overload Protection:** Shuts down the device if the junction temperature exceeds safe limits. * **Short-Circuit Protection:** Limits current to prevent damage during a fault. * **Enable Input (EN):** A digital input that allows the regulator to be turned on or off to save power in battery-operated devices. --- ### 3. Application Circuit Example To function correctly, the ADP1706 requires minimal external components. Typically, two capacitors are used for stability. ```markdown Vin (Input) ----[ C1: 4.7uF ]----+---- Pin 8 (VIN) | [ADP1706] | Vout (Output)---[ C2: 4.7uF ]----+---- Pin 1 (VOUT) | GND -----------------------------+---- Pin 4 & Exposed Pad ``` --- ### 4. Part Number Breakdown * **ADP1706:** Series Number (1A CMOS LDO). * **ACPZ:** Package indicator (LFCSP, RoHS compliant). * **2.5:** Fixed output voltage (2.5 Volts). * **R7:** Packaging format (7-inch reel, 1500 units).
    ✨ Follow-up Questions
    • ⤷What are the specific benefits of the LFCSP package for this LDO?
    • ⤷ How does the dropout voltage affect the efficiency of this component?
    • ⤷ Can this part be used for 3.3V to 2.5V conversion?