Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADP1706ARDZ-0.8-R7

  • AI
    ## Overview of ADP1706ARDZ-0.8-R7 The **ADP1706ARDZ-0.8-R7** is a low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide a stable, low-noise output voltage of 0.8V from a higher input voltage, specifically for applications requiring high current and fast transient response. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 0.8V (Fixed) | | **Maximum Output Current** | 1.0 A | | **Input Voltage Range** | 2.5V to 5.5V | | **Dropout Voltage** | ~345 mV @ 1A load | | **Package Type** | 8-Lead SOIC_N_EP (Exposed Pad) | | **Operating Temperature** | -40°C to +125°C | | **PSRR** | 70 dB at 1 kHz | --- ### Core Functional Features 1. **Low Dropout (LDO) Performance:** It can maintain an 0.8V output even when the input voltage is very close to the output, minimizing power dissipation. 2. **Soft Start:** Features an internal soft-start capacitor to control the ramp of the output voltage, preventing large inrush currents during startup. 3. **Stability:** The device is stable with small 4.7 µF ceramic output capacitors, which helps save PCB space. 4. **Protection Circuitry:** * **Thermal Overload Protection:** Shuts down the device if the junction temperature exceeds safe limits. * **Short-Circuit Protection:** Limits current to prevent damage during a fault. 5. **Enable Pin (EN):** Allows the regulator to be turned on or off digitally to save power in standby modes. --- ### Pin Configuration (8-Lead SOIC) | Pin No. | Name | Description | | :--- | :--- | :--- | | 1 | **VIN** | Regulator Input Supply. | | 2, 3 | **GND** | Ground reference. | | 4 | **NC** | No Connect (or sometimes used for specific trimming). | | 5 | **EN** | Enable Input (High = On, Low = Off). | | 6 | **SS** | Soft Start (Connection for external capacitor if adjustable). | | 7, 8 | **VOUT** | Regulated Output Voltage (0.8V). | | EP | **PAD** | Exposed Pad: Must be soldered to PCB ground for thermal dissipation. | --- ### Typical Application Circuit To use this part effectively, the following minimal component setup is required: ```markdown Input (2.5V - 5.5V) ----[ 4.7uF Cap ]---- VIN (Pin 1) | [ADP1706-0.8] | Output (0.8V Fixed) ----[ 4.7uF Cap ]---- VOUT (Pin 7,8) ``` ### Applications * Digital Signal Processors (DSPs) and FPGA Core Power. * Post-regulation for switching power supplies. * Personal Computers and Servers. * Medical Imaging and Instrumentation.
    ✨ Follow-up Questions
    • ⤷ What are the thermal considerations for the Exposed Pad (EP) in this package?
    • ⤷ How does the Soft Start (SS) pin affect the startup time?
    • ⤷ What are the compatible ceramic capacitor types for optimal stability?