ADP1706ARDZ-1.3-R7
AI

The **ADP1706ARDZ-1.3-R7** is a high-performance, low dropout (LDO) linear regulator manufactured by Analog Devices. It is specifically designed to provide a stable, low-noise power supply for sensitive analog and digital circuits.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the device:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage (Fixed)** | 1.3V |
| **Input Voltage Range** | 2.5V to 5.5V |
| **Maximum Output Current** | 1 Amp (1000 mA) |
| **Dropout Voltage** | 345 mV @ 1A |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | 8-Lead SOIC_N_EP (Exposed Pad) |
| **PSRR (Power Supply Rejection Ratio)** | 70 dB at 10 kHz |
---
### 2. Functional Features
The ADP1706 series includes several integrated protection and control features:
* **Soft Start:** Includes an internal soft-start capacitor to limit inrush current during startup.
* **Enable Pin (EN):** Allows the device to be turned on or off via a logic signal to reduce power consumption when the system is idle.
* **Thermal Overload Protection:** Automatically shuts down the regulator if the junction temperature exceeds safe limits.
* **Short-Circuit Protection:** Protects the device and the load from damage during overcurrent events.
* **Stability:** Optimized for use with small, low-ESR ceramic capacitors (minimum 4.7 µF).
---
### 3. Pin Configuration (8-Lead SOIC)
The exposed pad (EP) on the bottom of the package is critical for heat dissipation and should be soldered to the PCB ground plane.
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **VIN** | Regulator Input Supply. |
| 2, 3 | **GND** | Ground Pins. |
| 4 | **VOUT** | Regulated Output Voltage (1.3V). |
| 5, 6 | **NC** | No Connection (leave floating or ground). |
| 7 | **EN** | Enable Input. High = On, Low = Off. |
| 8 | **SS** | Soft Start (Internal/External control). |
---
### 4. Part Number Breakdown
The suffixing provides information about the packaging and specific variant:
* **ADP1706:** Model family.
* **ARDZ:** Package code (SOIC with Exposed Pad, RoHS compliant).
* **1.3:** Fixed output voltage of 1.3 Volts.
* **R7:** Tape and Reel packaging (7-inch reel).
---
### 5. Typical Applications
Due to its 1A current capability and low noise, it is commonly used in:
* **FPGA Core Power:** Providing the low-voltage rails required by modern processors.
* **Telecommunications:** Base stations and networking equipment.
* **Medical Equipment:** Sensitive imaging and diagnostic tools.
* **Post-Regulation:** Cleaning up the output of switching power supplies.
- ⤷
What are the recommended input and output capacitor values for the ADP1706?
- ⤷ How does the 'Exposed Pad' impact the PCB layout and thermal management?
- ⤷ Can the ADP1706 be used in parallel to increase the output current?