Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADP1707ARDZ-0.9-R7

  • AI
    ## Technical Overview: ADP1707ARDZ-0.9-R7 The **ADP1707ARDZ-0.9-R7** is a low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide a stable, low-noise output voltage from a higher input voltage source, specifically tailored for high-performance analog and mixed-signal applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 0.9 V (Fixed) | | **Input Voltage Range** | 2.5 V to 5.5 V | | **Maximum Output Current** | 1 Ampere (1A) | | **Dropout Voltage** | 150 mV (typical at 1A load) | | **Package Type** | 8-Lead SOIC_N_EP (Exposed Pad) | | **Operating Temperature** | -40°C to +125°C | | **Accuracy** | ±1% Initial Accuracy | --- ### 2. Core Functional Components The internal architecture of the ADP1707 consists of several critical stages: 1. **Internal Reference:** A high-precision voltage reference that ensures the 0.9V output remains stable regardless of temperature changes. 2. **Error Amplifier:** Compares the feedback from the output to the internal reference and adjusts the pass transistor accordingly. 3. **Soft Start:** Includes circuitry to control the "ramp-up" speed of the output voltage, preventing large inrush currents during power-on. 4. **Protection Circuits:** * **Thermal Overload Protection:** Shuts down the device if the junction temperature exceeds safe limits. * **Short-Circuit Protection:** Limits the current if the output is accidentally grounded. --- ### 3. Pin Configuration The device uses an 8-pin SOIC package with an exposed pad for heat dissipation. | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **VIN** | Regulator Input Supply. | | 2, 3 | **GND** | Ground reference. | | 4 | **VOUT** | Regulated 0.9V Output. | | 5 | **SENSE** | Feedback input to sense output voltage directly at the load. | | 6 | **SS** | Soft Start pin (connect capacitor to adjust ramp time). | | 7 | **EN** | Enable input (High = On, Low = Off). | | 8 | **NC/NC** | No internal connection. | | **Pad** | **EP** | Exposed Pad (Must be soldered to GND for thermal relief). | --- ### 4. Typical Application Circuit To operate correctly, the ADP1707 requires minimal external components, primarily capacitors to ensure stability. ```python # Simplified Component List for Implementation Input_Capacitor = "4.7 uF Ceramic (Low ESR)" Output_Capacitor = "4.7 uF Ceramic (Low ESR)" SS_Capacitor = "10 nF (Optional for soft start timing)" ``` --- ### 5. Common Use Cases * **FPGA/DSP Core Power:** Providing the low-voltage core rails (0.9V) required by modern processors. * **Post-Regulation:** Used after a switching regulator to "clean up" noise for sensitive analog circuits. * **Medical Imaging:** High-precision instruments requiring low-noise power supplies.
    ✨ Follow-up Questions
    • ⤷What is the significance of the 'Exposed Pad' in the SOIC package?
    • ⤷ How does the Soft Start (SS) pin help in circuit design?
    • ⤷ Can this regulator be used with an input voltage higher than 5.5V?