ADP1707ARDZ-1.3-R7
AI

The **ADP1707ARDZ-1.3-R7** is a high-performance, low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide a stable, low-noise voltage supply for sensitive electronic components.
---
### 1. Technical Specifications
Below is a breakdown of the primary electrical characteristics for this specific variant:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage (Fixed)** | 1.3 V |
| **Input Voltage Range** | 2.5 V to 5.5 V |
| **Maximum Output Current** | 1 Amp (1000 mA) |
| **Dropout Voltage** | 150 mV (typical at 1A load) |
| **Package Type** | 8-Lead SOIC_N_EP (Exposed Pad) |
| **Operating Temperature** | -40°C to +125°C |
| **PSRR (Power Supply Rejection Ratio)** | 70 dB at 1 kHz |
---
### 2. Key Internal Features
The ADP1707 series includes several integrated protection and performance features:
* **Soft Start (SS):** Reduces inrush current during startup by controlling the output voltage ramp time.
* **Tracking Mode:** Allows the output voltage to follow an external voltage rail, which is critical for power sequencing in FPGAs and DSPs.
* **Thermal Overload Protection:** Automatically shuts down the device if the internal junction temperature exceeds safety limits.
* **Short-Circuit Protection:** Limits the current output if a fault or short is detected to prevent damage to the regulator or the load.
* **Exposed Pad (EP):** The "RDZ" suffix indicates a package with an exposed thermal pad on the bottom, which must be soldered to the PCB ground plane to dissipate heat efficiently.
---
### 3. Part Number Decoder
Understanding the suffix and prefix helps in identifying the exact component:
* **ADP1707:** The base model series (1A LDO with Tracking/Soft-Start).
* **ARDZ:** "A" = Temperature range; "RD" = SOIC package; "Z" = RoHS compliant (Lead-free).
* **1.3:** Fixed output voltage of 1.3 Volts.
* **R7:** Packaging format (7-inch Reel, typically containing 1,000 units).
---
### 4. Typical Applications
Due to its high current capability and low dropout voltage, it is commonly used in:
1. **Digital Core Supplies:** Powering the VCC cores of FPGAs, Microprocessors, and DSPs.
2. **Post-Regulation:** Cleaning up the output of switching power supplies to provide a noise-free rail.
3. **Medical Imaging:** High-precision analog-to-digital converter (ADC) power.
- ⤷
What are the recommended capacitor values for stable operation of the ADP1707?
- ⤷ How does the 'Tracking' pin functionality work in a multi-rail system?
- ⤷ What is the thermal resistance (Theta-JA) for the SOIC_N_EP package?