Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADP1715ARMZ-1.0-R7

  • AI
    ## ADP1715ARMZ-1.0-R7: Technical Overview The **ADP1715ARMZ-1.0-R7** is a low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide a stable, low-noise voltage supply for sensitive analog and mixed-signal circuits. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Output Voltage** | Fixed 1.0 V | | **Input Voltage Range** | 2.5 V to 5.5 V | | **Maximum Output Current** | 500 mA | | **Dropout Voltage** | 150 mV (at 500 mA load) | | **Package Type** | 8-Lead MSOP (Mini Small Outline Package) | | **Operating Temperature** | -40°C to +125°C | | **PSRR (Power Supply Rejection Ratio)** | 70 dB at 1 kHz | --- ### 2. Core Functional Components The internal architecture of the ADP1715 includes several critical electronic sub-systems: * **Internal Reference:** Provides a precise voltage baseline to ensure the output remains at 1.0V despite temperature fluctuations. * **Error Amplifier:** Constantly compares the output voltage against the internal reference and adjusts the pass transistor to maintain regulation. * **Soft Start Capability:** Reduces inrush current during startup by gradually increasing the output voltage, which protects downstream components. * **Protection Circuits:** * **Thermal Overload Protection:** Shuts down the device if the junction temperature exceeds safe limits. * **Short-Circuit Protection:** Limits the current if the output is shorted to ground. --- ### 3. Pin Configuration (8-Lead MSOP) | Pin No. | Name | Description | | :--- | :--- | :--- | | 1 | **VIN** | Input Voltage Supply. | | 2 | **GND** | Ground. | | 3 | **EN** | Enable Input. High = On, Low = Off. | | 4 | **SS** | Soft Start. A capacitor here adjusts start-up time. | | 5 | **TRK** | Tracking input for power supply sequencing. | | 6 | **VOUT** | Regulated Output Voltage (1.0 V). | | 7 | **ADJ/NC** | Not connected for fixed versions. | | 8 | **SENSE** | Feedback sense for voltage regulation. | --- ### 4. Application Use Cases This specific part is ideal for: * **Digital Core Supplies:** Powering FPGAs or DSPs that require a stable 1.0V core voltage. * **Mobile Handsets:** Low dropout allows for efficient battery usage. * **Post-Regulation:** Used after a switching regulator to "clean up" noise for sensitive analog sensors. ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'TRK' pin in power sequencing?
    • ⤷ How does the Soft Start capacitor value affect the startup time?
    • ⤷ What are the recommended input and output capacitor types for this LDO?