Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ADP1715ARMZ-1.3-R7

  • AI
    ## ADP1715ARMZ-1.3-R7: Electronic Component Overview The **ADP1715ARMZ-1.3-R7** is a low dropout (LDO) linear regulator manufactured by Analog Devices. It is designed to provide a stable, low-noise output voltage for high-performance analog and mixed-signal circuits. --- ### 1. Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Output Voltage** | Fixed at **1.3V** | | **Input Voltage Range** | 2.5V to 5.5V | | **Output Current** | Up to **500 mA** | | **Dropout Voltage** | 150 mV (typical) at 500 mA load | | **PSRR** | 72 dB at 1 kHz | | **Package Type** | 8-Lead MSOP (Mini Small Outline Package) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Functional Features The ADP1715 series is characterized by its "AnyCAP" architecture and soft-start capabilities: * **Soft-Start Feature:** This specific model includes a dedicated pin for an external capacitor to adjust the soft-start time. This prevents large inrush currents during power-up. * **Stability:** It is stable with small, low-ESR ceramic capacitors, making it ideal for space-constrained PCB designs. * **Protection Circuits:** * **Thermal Overload Protection:** Shuts down the device if the junction temperature exceeds limits. * **Short-Circuit Protection:** Limits current to prevent damage during fault conditions. * **Enable Pin:** Allows the user to turn the regulator on or off electronically, reducing power consumption in standby mode. --- ### 3. Pin Configuration (MSOP-8) | Pin No. | Name | Function | | :--- | :--- | :--- | | 1 | **VIN** | Regulator Input Supply | | 2 | **GND** | Ground | | 3 | **EN** | Enable Input (Active High) | | 4 | **SS** | Soft-Start Control (Connect cap to GND) | | 5 | **NC** | No Connect | | 6 | **NC** | No Connect | | 7 | **VOUT** | Regulated Output Voltage (1.3V) | | 8 | **ADJ/NC** | For fixed versions, this is typically NC or Sense | --- ### 4. Typical Applications Because of its high Power Supply Rejection Ratio (PSRR) and low noise, the ADP1715 is commonly used in: 1. **Digital Signal Processors (DSPs)** and **FPGA** core power. 2. **ADC and DAC** reference supplies. 3. **Mobile Phones** and portable medical equipment. 4. **Post-regulation** for switching power supplies to remove ripple. ---
    ✨ Follow-up Questions
    • ⤷ How does the 'Soft-Start' capacitor value affect the power-up time?
    • ⤷ What are the recommended values for the input and output ceramic capacitors?
    • ⤷ What is the difference between the ADP1715 and the ADP1716 models?